Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYD-3021FX-31 Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYD-3021FX-31
Description  0.30 Inch (7.62mm) digit height Double Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYD-3021FX-31 Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYD-3021FX-31 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-3021FX-31 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-3021FX-31 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-3021FX-31 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-3021FX-31 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Model No.
Rev.
Min
5
-40
-40
■ Electrical-Optical Characteristics
Color Code & Chip Characteristics:(Test Condition:IF=20mA)
Typ
H
Red
90nm
2.00
S
Hi Red
20nm
1.80
D
Super Red
20nm
1.90
E
Orange
35nm
1.90
A
Amber
35nm
1.90
Y
Yellow
35nm
1.90
G
Green
10nm
1.90
3.40
2.80
2.80
PG Pure Green
36nm
2.80
W
White
CCT:9500K
2.80
UHR Ultra Hi Red
20nm
1.90
UR Ultra Red
20nm
1.90
UE Ultra Orange
20nm
1.90
UA Ultra Amber
AlGaInP
20nm
1.90
2.50
UY Ultra Yellow
AlGaInP
20nm
1.90
2.50
UG Ultra Green
AlGaInP
30nm
1.90
2.50
PG Ultra Pure Green
InGaN
36nm
2.80
3.80
BG Ultra Bluish Green InGaN
36nm
2.80
3.80
30nm
2.80
30nm
2.80
UW Ultra White
CCT:9500K
2.80
Note:
1.Luminous Intensity is based on the Foryard standards.
2.Pay attention about static for InGaN
Page: 4/5
Pd
470nm
505nm
2.50
Standard brightness
Forward
Voltage(VF) Unit:V
30
Max
(Ta=25℃)
mA
mW
100
V
Tstr
Storage Temperature
Max
460nm
260~310
60~100
50~140~190
30~60~80
(Ta=25℃)
FYD-3021E/FX-XX
A
Reverse Voltage
VR
IR=30
Topr
■ Absolute maximum ratings
Model No.:
:FYD-3021E/FX-XX
mA
150
+85
Operating Temperature
Luminous
Intensity
(Iv)
Unit:mcd
Emitting Color
520nm
InGaN
GaAsP
2.50
AlGaAs/DH
650nm
625nm
3.80
3.80
4.40
GaP
+85
13~18
14~18
15~20
14~20
1
AlGaAs/SH
660nm
700nm
B
Blue
InGaN
Ultra brightness
430nm
60nm
3.80
InGaN
6~12(mw)
4~6(mw)
470nm
0.7~1(mw)
20-30
6~12(mw)
X=0.29,Y=0.30
3.80
520nm
40~100~150
AlGaInP
625nm
2.50
2.50
2.50
3.80
590nm
AlGaInP
570nm
460nm
260~310
610nm
60~120
30~60
AlGaInP
640nm
635nm
Http://www.foryard.com
Ultra Blue
InGaN
X=0.29,Y=0.30
InGaN
Segment-to-Segment Luminous Intensity ratio(Iv-M)
1.5:1
80~90~120
UB
3.80
80~90~120
180~200
3.80
26~38
13~18
2.50
2.50
2.50
2.50
GaP
2.50
570nm
590nm
610nm
GaAsP
GaAsP
Spectral
Line
halfwidth(∆
λ1/2)
Dice
Material
Peak Wave
Length(λP)
Pulse Current
Ipeak
Duty=0.1mS,1KHz
Forward Current
IF
Power Dissipation
Symbol
Parameter
Value
Unit
Test Condition


Similar Part No. - FYD-3021FX-31

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYD-3021FX-3 FORYARD-FYD-3021FX-3 Datasheet
326Kb / 4P
   LED DIGIT DISPLAY
More results

Similar Description - FYD-3021FX-31

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYD-3021CX-00 FORYARD-FYD-3021CX-00 Datasheet
341Kb / 5P
   0.30 Inch (7.62mm) digit height Double Digits Display
FYD-3021GX-00 FORYARD-FYD-3021GX-00 Datasheet
336Kb / 5P
   0.30 Inch (7.62mm) digit height Double Digits Display
FYD-3022AX-00 FORYARD-FYD-3022AX-00 Datasheet
342Kb / 5P
   0.30 Inch (7.62mm) digit height Double Digits Display
FYD-3021AX-00 FORYARD-FYD-3021AX-00 Datasheet
341Kb / 5P
   0.30 Inch (7.62mm) digit height Double Digits Display
FYD-3021IX-00 FORYARD-FYD-3021IX-00 Datasheet
336Kb / 5P
   0.3Inch (7.62mm) digit height Double Digits Display
FYT-3031AX-00 FORYARD-FYT-3031AX-00 Datasheet
452Kb / 5P
   0.30 Inch (8.00mm) digit height Three Digits Display
FYLD-5621AX-00 FORYARD-FYLD-5621AX-00 Datasheet
448Kb / 6P
   0.56 Inch (14.22mm) digit height, Double Digits SMD Display
FYS-3011AX-00 FORYARD-FYS-3011AX-00 Datasheet
408Kb / 5P
   0.30 Inch (7.80mm) digit height Single Digit Display
FYS-3011EX-00 FORYARD-FYS-3011EX-00 Datasheet
411Kb / 5P
   0.30 Inch (7.80mm) digit height Single Digit Display
FYS-3014AX-00 FORYARD-FYS-3014AX-00 Datasheet
403Kb / 5P
   0.30 Inch (7.80mm) digit height Single Digit Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com