Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9530N Datasheet(PDF) 2 Page - International Rectifier

Part # IRF9530N
Description  Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9530N Datasheet(HTML) 2 Page - International Rectifier

  IRF9530N Datasheet HTML 1Page - International Rectifier IRF9530N Datasheet HTML 2Page - International Rectifier IRF9530N Datasheet HTML 3Page - International Rectifier IRF9530N Datasheet HTML 4Page - International Rectifier IRF9530N Datasheet HTML 5Page - International Rectifier IRF9530N Datasheet HTML 6Page - International Rectifier IRF9530N Datasheet HTML 7Page - International Rectifier IRF9530N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF9530N
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.6
V
TJ = 25°C, IS = -8.4A, VGS = 0V
„
trr
Reverse Recovery Time
–––
130
190
ns
TJ = 25°C, IF = -8.4A
Qrr
Reverse RecoveryCharge
–––
650
970
nC
di/dt = -100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-100
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
-0.11 –––
V/°C
Reference to 25°C, ID = -1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
0.20
VGS = -10V, ID = -8.4A
„
VGS(th)
Gate Threshold Voltage
-2.0
–––
-4.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
3.2
–––
–––
S
VDS = -50V, ID = -8.4A
–––
–––
-25
µA
VDS = -100V, VGS = 0V
–––
–––
-250
VDS = -80V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
58
ID = -8.4A
Qgs
Gate-to-Source Charge
–––
–––
8.3
nC
VDS = -80V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
32
VGS = -10V, See Fig. 6 and 13
„
td(on)
Turn-On Delay Time
–––
15
–––
VDD = -50V
tr
Rise Time
–––
58
–––
ID = -8.4A
td(off)
Turn-Off Delay Time
–––
45
–––
RG = 9.1Ω
tf
Fall Time
–––
46
–––
RD = 6.2Ω, See Fig. 10
„
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
760
–––
VGS = 0V
Coss
Output Capacitance
–––
260
–––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
–––
170
–––
ƒ = 1.0MHz, See Fig. 5
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ ISD ≤ -8.4A, di/dt ≤ -490A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
‚ Starting T
J = 25°C, L = 7.0mH
RG = 25Ω, IAS = -8.4A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
-14
-56
A
S
D
G
S
D
G


Similar Part No. - IRF9530N

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF9530N KERSEMI-IRF9530N Datasheet
2Mb / 7P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF9530N ISC-IRF9530N Datasheet
335Kb / 2P
   P-Channel MOSFET Transistor
logo
International Rectifier
IRF9530NL IRF-IRF9530NL Datasheet
173Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
logo
Kersemi Electronic Co.,...
IRF9530NL KERSEMI-IRF9530NL Datasheet
1Mb / 10P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF9530NL ISC-IRF9530NL Datasheet
273Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Similar Description - IRF9530N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFL4310 IRF-IRFL4310 Datasheet
313Kb / 9P
   Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A)
IRF520NS IRF-IRF520NS Datasheet
185Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=9.7A)
IRFI520N IRF-IRFI520N Datasheet
133Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=7.6A)
IRC503 IRF-IRC503 Datasheet
226Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF530S IRF-IRF530S Datasheet
180Kb / 6P
   Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF530 IRF-IRF530 Datasheet
175Kb / 6P
   Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRFP360LC IRF-IRFP360LC Datasheet
343Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRLZ14SL IRF-IRLZ14SL Datasheet
291Kb / 10P
   Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=10A)
IRFP360 IRF-IRFP360 Datasheet
164Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com