Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYS-30012BX-10 Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-30012BX-10
Description  3.00 Inch (76.50mm) digit height Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-30012BX-10 Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-30012BX-10 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-30012BX-10 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-30012BX-10 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-30012BX-10 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-30012BX-10 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model No.
Rev.
-XX: REF Surface / Epoxy color
1
2
3
  Black   Gray
  Red
  White   Red
  Green
Mechanical Dimensions
Notes:
1. All pins are Ö0.80[.031]mm
2. Dimension in millimeter [inch], tolerance is ±0.25 [.010] and angle is ±1° unless otherwise noted.
3. Bending
 Length*1%.
4.The specifications,characteristics and technical data described in the datasheet are subject to change without prior notice.
Page
2/5
0
  Water Clear
Http://www.foryard.com
FYS-30012A/BX-XX
A
4
  Green
  Yellow
REF Surface Color
  White
Epoxy Color
Model No. FYS-30012A/BX-XX
Color
Number


Similar Part No. - FYS-30012BX-10

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-30012BX-1 FORYARD-FYS-30012BX-1 Datasheet
335Kb / 4P
   LED DIGIT DISPLAY
FYS-30012BX-1 FORYARD-FYS-30012BX-1 Datasheet
341Kb / 5P
   LED DIGIT DISPLAY
More results

Similar Description - FYS-30012BX-10

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-30011AX-00 FORYARD-FYS-30011AX-00 Datasheet
434Kb / 5P
   3.00 Inch (76.00mm) digit height Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-3001SR PARALIGHT-A-3001SR Datasheet
162Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001G PARALIGHT-A-3001G Datasheet
211Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001G PARALIGHT-C-3001G Datasheet
212Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001SR PARALIGHT-C-3001SR Datasheet
196Kb / 10P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001E PARALIGHT-C-3001E Datasheet
213Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001E PARALIGHT-A-3001E Datasheet
212Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001Y PARALIGHT-C-3001Y Datasheet
210Kb / 10P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001UB PARALIGHT-A-3001UB Datasheet
196Kb / 10P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001Y PARALIGHT-A-3001Y Datasheet
208Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com