Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYS-30012BX-20 Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-30012BX-20
Description  3.00 Inch (76.50mm) digit height Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-30012BX-20 Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-30012BX-20 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-30012BX-20 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-30012BX-20 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-30012BX-20 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-30012BX-20 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Model No.
Rev.
Min
5
-40
-40
  Electrical-Optical Characteristics
Color Code & Chip Characteristics:(Test Condition:IF=20mA)
Typ
H
Red
90nm
2.00
S
Hi Red
20nm
1.80
D
Super Red
20nm
1.90
E
Orange
35nm
1.90
A
Amber
35nm
1.90
Y
Yellow
35nm
1.90
G
Green
10nm
1.90
3.40
2.80
2.80
PG Pure Green
36nm
2.80
W
White
CCT:9500K
2.80
UHR Ultra Hi Red
20nm
1.90
UR Ultra Red
20nm
1.90
UE Ultra Orange
20nm
1.90
UA Ultra Amber
AlGaInP
20nm
1.90
2.50
UY Ultra Yellow
AlGaInP
20nm
1.90
2.50
UG Ultra Green
AlGaInP
30nm
1.90
2.50
PG Ultra Pure Green
InGaN
36nm
2.80
3.80
BG Ultra Bluish Green InGaN
36nm
2.80
3.80
30nm
2.80
30nm
2.80
UW Ultra White
CCT:9500K
2.80
Note:
1.Luminous Intensity is based on the Foryard standards.
2.Pay attention about static for InGaN
Page
4/5
Symbol
Dice
Material
2.50
Max
Model No. FYS-30012A/BX-XX
mW
Value
  Absolute maximum ratings
(Ta=25
 )
Luminous
Intensity
(Iv)
Unit:mcd
 
+85
Unit
Test Condition
mA
100
IR=30
Reverse Voltage
VR
AlGaAs/DH
650nm
+85
Operating Temperature
Max
Peak Wave
Length(ëP)
Spectral
Line
halfwidth(Ä
ë1/2)
AlGaAs/SH
GaP
Emitting Color
GaAsP
InGaN
GaAsP
2.50
AlGaInP
625nm
2.50
2.50
(Ta=25
 )
4.40
X=0.29,Y=0.30
3.80
590nm
13~18
26~38
13~18
625nm
30~60~80
260~310
260~310
80~90~120
InGaN
3.80
460nm
3.80
40~100~150
50~140~190
InGaN
X=0.29,Y=0.30
3.80
180~200
Segment-to-Segment Luminous Intensity ratio(Iv-M)
1.5:1
610nm
80~90~120
GaP
470nm
520nm
505nm
570nm
UB
635nm
590nm
AlGaInP
AlGaInP
640nm
30~60
GaAsP
2.50
2.50
0.7~1(mw)
430nm
14~18
6~12(mw)
B
Blue
InGaN
Ultra brightness
6~12(mw)
3.80
460nm
520nm
InGaN
3.80
Ultra Blue
Http://www.foryard.com
60~120
20~30
4~6(mw)
470nm
60nm
3.80
60~100
2.50
570nm
V
Pd
Parameter
30
Power Dissipation
Pulse Current
Ipeak
Duty=0.1mS,1KHz
Forward Current
IF
FYS-30012A/BX-XX
A
mA
150
2.50
Storage Temperature
Topr
15~20
 
Standard brightness
Forward
Voltage(VF) Unit:V
Tstr
610nm
1
660nm
700nm
2.50
2.50
14~20


Similar Part No. - FYS-30012BX-20

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-30012BX-2 FORYARD-FYS-30012BX-2 Datasheet
335Kb / 4P
   LED DIGIT DISPLAY
FYS-30012BX-2 FORYARD-FYS-30012BX-2 Datasheet
341Kb / 5P
   LED DIGIT DISPLAY
More results

Similar Description - FYS-30012BX-20

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-30011AX-00 FORYARD-FYS-30011AX-00 Datasheet
434Kb / 5P
   3.00 Inch (76.00mm) digit height Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-3001SR PARALIGHT-A-3001SR Datasheet
162Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001G PARALIGHT-A-3001G Datasheet
211Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001G PARALIGHT-C-3001G Datasheet
212Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001SR PARALIGHT-C-3001SR Datasheet
196Kb / 10P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001E PARALIGHT-C-3001E Datasheet
213Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001E PARALIGHT-A-3001E Datasheet
212Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001Y PARALIGHT-C-3001Y Datasheet
210Kb / 10P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001UB PARALIGHT-A-3001UB Datasheet
196Kb / 10P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001Y PARALIGHT-A-3001Y Datasheet
208Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com