Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYS-8014BX-31 Datasheet(PDF) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-8014BX-31
Description  0.80 Inch (20.20mm) digit height Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-8014BX-31 Datasheet(HTML) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-8014BX-31 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-8014BX-31 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-8014BX-31 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-8014BX-31 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-8014BX-31 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Model No.
Rev.
■ Packing Diagram
Note: The specifications are subject to change without notice. Please contact us for updated information.
Page
5/5
Http://www.foryard.com
FYS-8014A/BX-XX
A
Model No.
:FYS-8014A/BX-XX
FORYARD
O P T O E L E C T R O N I C S
www.foryard.com
FORYARD
O P T O E L E C T R O N I C S
LED
LED
LED
LED
PN:FYS-8014XX-XX
Qty: 4032 PCS
Date:xxxx/xx/xx
GW: 22.40KG
NW: 25.00KG
xxxxxxxxxx
RoHS
RoHS
RoHS
RoHS
ATTENTION
ATTENTION
ATTENTION
ATTENTION
Part NO: FYS-8014XX-XX
Date:xxxx/xx/xx
Q'TY: 252 PCS
63PCS/Foam
4Foams/Bag
4Bags/Box
4Boxes/Carton
OUTSIDE LABEL
QC: QC
PASS
FORYARD
O P T O E L E C T R O N I C S
QC:
QC
PASS
xxxxxxxxxx
56.0
36
.0
31
.0
54.0
17
.0
14
.5
RoHS
RoHS
RoHS
RoHS
OUTSIDE LABEL


Similar Part No. - FYS-8014BX-31

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-8014BX-3 FORYARD-FYS-8014BX-3 Datasheet
323Kb / 4P
   LED DIGIT DISPLAY
FYS-8014BX-3 FORYARD-FYS-8014BX-3 Datasheet
329Kb / 5P
   LED DIGIT DISPLAY
More results

Similar Description - FYS-8014BX-31

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-8014EX-00 FORYARD-FYS-8014EX-00 Datasheet
402Kb / 5P
   0.80 Inch (20.20mm) digit height Single Digit Display
FYS-8016AX-00 FORYARD-FYS-8016AX-00 Datasheet
400Kb / 5P
   0.80 Inch (20.20mm) digit height Single Digit Display
FYS-8015AX-00 FORYARD-FYS-8015AX-00 Datasheet
406Kb / 5P
   0.80 Inch (20.32mm) digit height Single Digit Display
FYS-8013AX-00 FORYARD-FYS-8013AX-00 Datasheet
410Kb / 5P
   0.80 Inch (20.32mm) digit height Single Digit Display
FYS-8011EX-00 FORYARD-FYS-8011EX-00 Datasheet
398Kb / 5P
   0.80 Inch (20.40mm) digit height Single Digit Display
FYS-8011AX-00 FORYARD-FYS-8011AX-00 Datasheet
398Kb / 5P
   0.80 Inch (20.40mm) digit height Single Digit Display
FYS-8012AX-00 FORYARD-FYS-8012AX-00 Datasheet
399Kb / 5P
   0.80 Inch (20.40mm) digit height Single Digit Display
FYS-8011CX-00 FORYARD-FYS-8011CX-00 Datasheet
407Kb / 5P
   0.80 Inch (20.40mm) digit height Single Digit Display
FYS-8012CX-00 FORYARD-FYS-8012CX-00 Datasheet
410Kb / 5P
   0.80 Inch (20.40mm) digit height Single Digit Display
FYS-8017CX-XX FORYARD-FYS-8017CX-XX Datasheet
399Kb / 5P
   0.80 Inch (18.60mm) digit height Single Digit Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com