Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYS-40011DX-14 Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-40011DX-14
Description  4.00 Inch (101.60mm) digit height Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-40011DX-14 Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-40011DX-14 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-40011DX-14 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-40011DX-14 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-40011DX-14 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-40011DX-14 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Model No.
Rev.
■ All Light On Segments Feature & Pin Position
■ Internal Circuit Diagrams
Page
3/5
Http://www.foryard.com
Model No.
:FYS-40011C/DX-XX
FYS-40011C/DX-XX
A


Similar Part No. - FYS-40011DX-14

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-40011DX-1 FORYARD-FYS-40011DX-1 Datasheet
329Kb / 4P
   LED DIGIT DISPLAY
FYS-40011DX-1 FORYARD-FYS-40011DX-1 Datasheet
335Kb / 5P
   LED DIGIT DISPLAY
More results

Similar Description - FYS-40011DX-14

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-40011GX-00 FORYARD-FYS-40011GX-00 Datasheet
423Kb / 5P
   4.00 Inch (101.60mm) digit height Single Digit Display
FYS-40012X-XX FORYARD-FYS-40012X-XX Datasheet
401Kb / 5P
   4.00 Inch (101.60mm) digit height Single Digit Display
FYS-40011EX-00 FORYARD-FYS-40011EX-00 Datasheet
438Kb / 5P
   4.00 Inch (101.60mm) digit height Single Digit Display
FYS-40011AX-00 FORYARD-FYS-40011AX-00 Datasheet
417Kb / 5P
   4.00 Inch (101.60mm) digit height Single Digit Display
FYS-40011KX-00 FORYARD-FYS-40011KX-00 Datasheet
424Kb / 5P
   4.00 Inch (101.60mm) digit height Single Digit Display
FYS-40011IX-00 FORYARD-FYS-40011IX-00 Datasheet
418Kb / 5P
   4.00 Inch (101.60mm) digit height Single Digit Display
FYS-40011AX-00 FORYARD-FYS-40011AX-00 Datasheet
416Kb / 5P
   4.00 Inch (101.60mm) digit height Single Digit Display
logo
LightKey Optoelectronic...
LD40011AB LIGHTKEY-LD40011AB Datasheet
165Kb / 3P
   4.00 inch Single Digit 7 Segment LED Display
LD40011CD LIGHTKEY-LD40011CD Datasheet
163Kb / 3P
   4.00 inch Single Digit 7 Segment LED Display
logo
List of Unclassifed Man...
TOS-40101 ETC1-TOS-40101 Datasheet
153Kb / 1P
   4.00 INCH SINGLE DIGIT NUMERIC DISPLAYS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com