Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYS-40011BX-44 Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-40011BX-44
Description  4.00 Inch (101.60mm) digit height Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-40011BX-44 Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-40011BX-44 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-40011BX-44 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-40011BX-44 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-40011BX-44 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-40011BX-44 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model No.
Rev.
■ -XX: REF Surface / Epoxy color
1
2
3
○ Black ○ Gray
○ Red
○ White
■ Mechanical Dimensions
Notes:
1. All pins are Φ0.80[.031]mm
2. Dimension in millimeter [inch], tolerance is ±0.25 [.010] and angle is ±1° unless otherwise noted.
3. Bending
≤Length*1%.
4.The specifications,characteristics and technical data described in the datasheet are subject to change without prior notice.
Page
2/5
Color
Number
4
○ Green
REF Surface Color
○ White
Epoxy Color
Http://www.foryard.com
FYS-40011A/BUW-X1
A
0
Model No.
:FYS-40011A/BUW-X1


Similar Part No. - FYS-40011BX-44

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-40011BX-4 FORYARD-FYS-40011BX-4 Datasheet
325Kb / 4P
   LED DIGIT DISPLAY
FYS-40011BX-4 FORYARD-FYS-40011BX-4 Datasheet
330Kb / 5P
   LED DIGIT DISPLAY
More results

Similar Description - FYS-40011BX-44

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-40011GX-00 FORYARD-FYS-40011GX-00 Datasheet
423Kb / 5P
   4.00 Inch (101.60mm) digit height Single Digit Display
FYS-40011CX-00 FORYARD-FYS-40011CX-00 Datasheet
438Kb / 5P
   4.00 Inch (101.60mm) digit height Single Digit Display
FYS-40012X-XX FORYARD-FYS-40012X-XX Datasheet
401Kb / 5P
   4.00 Inch (101.60mm) digit height Single Digit Display
FYS-40011EX-00 FORYARD-FYS-40011EX-00 Datasheet
438Kb / 5P
   4.00 Inch (101.60mm) digit height Single Digit Display
FYS-40011KX-00 FORYARD-FYS-40011KX-00 Datasheet
424Kb / 5P
   4.00 Inch (101.60mm) digit height Single Digit Display
FYS-40011IX-00 FORYARD-FYS-40011IX-00 Datasheet
418Kb / 5P
   4.00 Inch (101.60mm) digit height Single Digit Display
FYS-40011AX-00 FORYARD-FYS-40011AX-00 Datasheet
416Kb / 5P
   4.00 Inch (101.60mm) digit height Single Digit Display
logo
LightKey Optoelectronic...
LD40011AB LIGHTKEY-LD40011AB Datasheet
165Kb / 3P
   4.00 inch Single Digit 7 Segment LED Display
LD40011CD LIGHTKEY-LD40011CD Datasheet
163Kb / 3P
   4.00 inch Single Digit 7 Segment LED Display
logo
List of Unclassifed Man...
TOS-40101 ETC1-TOS-40101 Datasheet
153Kb / 1P
   4.00 INCH SINGLE DIGIT NUMERIC DISPLAYS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com