Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

857176-EVB Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 857176-EVB
Description  140 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857176-EVB Datasheet(HTML) 2 Page - TriQuint Semiconductor

  857176-EVB Datasheet HTML 1Page - TriQuint Semiconductor 857176-EVB Datasheet HTML 2Page - TriQuint Semiconductor 857176-EVB Datasheet HTML 3Page - TriQuint Semiconductor 857176-EVB Datasheet HTML 4Page - TriQuint Semiconductor 857176-EVB Datasheet HTML 5Page - TriQuint Semiconductor 857176-EVB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
857176
140 MHz SAW Filter
Preliminary Data Sheet: Rev - 09/21/12
- 2 of 6 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Specifications
Electrical Specifications
(1)
Specified Temperature Range:
(2) -55 to +105 ºC
Parameter
(3)
Conditions
Min
Typical
(4)
Max
Units
Center Frequency
-
140
-
MHz
Insertion Loss
at minimum
-
19.75
21
dB
Lower 1dB Band Edge
(5)
Upper 1dB Band Edge
(5)
-
152.2
-
-
127.8
-
MHz
MHz
Lower 3dB Band Edge
(5)
Upper 3dB Band Edge
(5)
-
153.15
-
-
126.85
-
MHz
MHz
Lower 40dB Band Edge
(5)
Upper 40dB Band Edge
(5)
120.5
-
-
-
-
159.5
MHz
MHz
Amplitude Variation
(6)
127.8 – 152.2 MHz
-
-
1.0
dB p-p
Phase Linearity
127.8 – 152.2 MHz
-
-
7.0
deg p-p
Group Delay Variation
127.8 – 152.2 MHz
-
-
50
ns p-p
Group Delay
127.8 – 152.2 MHz
-
-
-
µs
Relative Attenuation
(5)
15 – 90 MHz
90 –120.5 MHz
159.5 – 190 MHz
190 – 350 MHz
40
40
40
42.5
-
-
-
-
-
-
-
-
dB
dB
dB
dB
Source Impedance (single-ended)
(7)
-
50
-
Load Impedance (single-ended)
(7)
-
50
-
Notes:
1.
All specifications are based on the TriQuint schematic shown on page 3
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
Typical values are based on average measurements at room temperature
5.
Relative to minimum insertion loss
6.
Is defined as the difference between the maximum and minimum loss within the specified frequency range
7.
This is the optimum impedance in order to achieve the performance shown
Absolute Maximum Ratings
Parameter
Rating
Operating Temperature
-55 to +105
oC
Storage Temperature
-55 to +105
oC
Operation of this device outside the parameter ranges given above may cause permanent damage.


Similar Part No. - 857176-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857174 TRIQUINT-857174 Datasheet
598Kb / 6P
   70 MHz SAW Filter
857174-EVB TRIQUINT-857174-EVB Datasheet
598Kb / 6P
   70 MHz SAW Filter
857174 TRIQUINT-857174_15 Datasheet
598Kb / 6P
   70 MHz SAW Filter
857175 TRIQUINT-857175 Datasheet
539Kb / 6P
   70 MHz SAW Filter
857175-EVB TRIQUINT-857175-EVB Datasheet
539Kb / 6P
   70 MHz SAW Filter
More results

Similar Description - 857176-EVB

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2182D RFM-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2182D MURATA-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
TriQuint Semiconductor
856019 TRIQUINT-856019 Datasheet
537Kb / 5P
   140 MHz SAW Filter
856064 TRIQUINT-856064 Datasheet
567Kb / 5P
   140 MHz SAW Filter
856069 TRIQUINT-856069 Datasheet
628Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074 Datasheet
571Kb / 5P
   140 MHz SAW Filter
856692 TRIQUINT-856692_15 Datasheet
394Kb / 5P
   140 MHz SAW Filter
856020 TRIQUINT-856020_15 Datasheet
386Kb / 6P
   140 MHz SAW Filter
856067 TRIQUINT-856067_15 Datasheet
431Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074_15 Datasheet
629Kb / 6P
   140 MHz SAW Filter
logo
RF Monolithics, Inc
SF2045A RFM-SF2045A Datasheet
216Kb / 5P
   140 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com