Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9952 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF9952
Description  Power MOSFET(Vdss=-30V)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9952 Datasheet(HTML) 3 Page - International Rectifier

  IRF9952 Datasheet HTML 1Page - International Rectifier IRF9952 Datasheet HTML 2Page - International Rectifier IRF9952 Datasheet HTML 3Page - International Rectifier IRF9952 Datasheet HTML 4Page - International Rectifier IRF9952 Datasheet HTML 5Page - International Rectifier IRF9952 Datasheet HTML 6Page - International Rectifier IRF9952 Datasheet HTML 7Page - International Rectifier IRF9952 Datasheet HTML 8Page - International Rectifier IRF9952 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRF9952
Fig 3. Typical Transfer Characteristics
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 4. Typical Source-Drain Diode
Forward Voltage
N-Channel
1
10
100
0.1
1
1 0
20 µs P U LSE W I DTH
T
= 25 °C
A
J
DS
V
, D rain-to-S ou rce V o ltage (V )
3. 0V
VGS
TOP
15V
10V
7.0V
5.5V
4.5V
4.0V
3.5V
BOTT OM
3.0V
1
10
100
0.1
1
1 0
A
DS
V
, D rain-to -S ou rce Vo lta ge (V)
20 µs P U LSE W I DTH
T
= 15 0°C
J
3.0V
VGS
TOP
15V
10V
7.0V
5.5V
4.5V
4.0V
3.5V
BOTT OM
3.0V
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
T = 2 5°C
T = 150°C
J
J
V
= 0 V
GS
V
, So urce-to -D rain V olta ge (V )
SD
A
1
10
100
3.0
3.5
4.0
4.5
5.0
5.5
6.0
T = 25°C
T = 150°C
J
J
GS
V
, Ga te -to-S o urce V oltage (V )
A
V
= 1 0 V
20µs PU LSE W ID TH
DS


Similar Part No. - IRF9952

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9952PBF IRF-IRF9952PBF Datasheet
224Kb / 10P
   HEXFET Power MOSFET
IRF9952PBF IRF-IRF9952PBF Datasheet
229Kb / 10P
   ULTRA LOW ON RESISTANCE
IRF9952PBF IRF-IRF9952PBF_15 Datasheet
229Kb / 10P
   ULTRA LOW ON RESISTANCE
IRF9952QPBF IRF-IRF9952QPBF Datasheet
280Kb / 10P
   HEXFET Power MOSFET
IRF9952QPBF IRF-IRF9952QPBF Datasheet
269Kb / 10P
   Advanced Process Technology
More results

Similar Description - IRF9952

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7705 IRF-IRF7705 Datasheet
146Kb / 8P
   Power MOSFET(Vdss=-30V)
IRF7752 IRF-IRF7752 Datasheet
117Kb / 7P
   Power MOSFET(Vdss=30V)
IRF5805 IRF-IRF5805 Datasheet
126Kb / 9P
   Power MOSFET(Vdss=-30V)
IRF7751 IRF-IRF7751 Datasheet
162Kb / 8P
   Power MOSFET(Vdss=-30V)
IRLML5203 IRF-IRLML5203 Datasheet
137Kb / 9P
   Power MOSFET(Vdss=-30V)
IRF7509 IRF-IRF7509 Datasheet
217Kb / 8P
   Power MOSFET(Vdss=-30V)
IRF7706 IRF-IRF7706 Datasheet
152Kb / 8P
   Power MOSFET(Vdss=-30V)
IRF7726 IRF-IRF7726 Datasheet
95Kb / 9P
   Power MOSFET(Vdss=-30V)
IRF7413 IRF-IRF7413 Datasheet
123Kb / 8P
   Power MOSFET(Vdss=30V, Id=12A)
IRF7466 IRF-IRF7466 Datasheet
233Kb / 8P
   Power MOSFET(Vdss=30V, Id=11A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com