Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

857216 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # 857216
Description  1030 MHz SAW filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857216 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  857216_15 Datasheet HTML 1Page - TriQuint Semiconductor 857216_15 Datasheet HTML 2Page - TriQuint Semiconductor 857216_15 Datasheet HTML 3Page - TriQuint Semiconductor 857216_15 Datasheet HTML 4Page - TriQuint Semiconductor 857216_15 Datasheet HTML 5Page - TriQuint Semiconductor 857216_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
857216
1030 MHz SAW filter
Preliminary Data Sheet: Rev C 07-11-2014
- 4 of 6 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
Performance Plots
Test conditions unless otherwise noted: Temp= +25°C


Similar Part No. - 857216_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857215 TRIQUINT-857215 Datasheet
544Kb / 6P
   1090 MHz SAW filter
857215-EVB TRIQUINT-857215-EVB Datasheet
544Kb / 6P
   1090 MHz SAW filter
857215 TRIQUINT-857215_15 Datasheet
544Kb / 6P
   1090 MHz SAW filter
857217 TRIQUINT-857217 Datasheet
303Kb / 6P
   742.5 MHz SAW filter
857217-EVB TRIQUINT-857217-EVB Datasheet
303Kb / 6P
   742.5 MHz SAW filter
More results

Similar Description - 857216_15

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0973A TAI-SAW-TA0973A Datasheet
213Kb / 7P
   SAW Filter 1030 MHz
logo
API Technologies Corp
MN95015 APITECH-MN95015 Datasheet
77Kb / 3P
   1030 MHz SAW Filter 12 MHz Bandwidth
logo
TriQuint Semiconductor
880367 TRIQUINT-880367 Datasheet
111Kb / 5P
   1030 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2541A TAI-SAW-TA2541A Datasheet
531Kb / 6P
   SAW Filter 1030 MHz (BW 2MHz) SMD 3X3 mm
logo
Qorvo, Inc
880367 QORVO-880367 Datasheet
152Kb / 6P
   1030 MHz IFF BAW Filter
logo
TriQuint Semiconductor
880367 TRIQUINT-880367_15 Datasheet
152Kb / 6P
   1030 MHz IFF BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TC0669A TAI-SAW-TC0669A Datasheet
431Kb / 6P
   SAW Resonator 1030 MHz -50KHz SMD 3.0x3.0mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
MN95031 APITECH-MN95031 Datasheet
78Kb / 3P
   1030 MHz Resonator 0.2 MHz Bandwidth
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com