Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

857271 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # 857271
Description  456 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857271 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  857271_15 Datasheet HTML 1Page - TriQuint Semiconductor 857271_15 Datasheet HTML 2Page - TriQuint Semiconductor 857271_15 Datasheet HTML 3Page - TriQuint Semiconductor 857271_15 Datasheet HTML 4Page - TriQuint Semiconductor 857271_15 Datasheet HTML 5Page - TriQuint Semiconductor 857271_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
857271
456 MHz SAW Filter
Data Sheet: Rev. A 14-09-22
- 5 of 6 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Package Information, Marking and Dimensions
1.63 NOM.
1.78 MAX.
5.51
0.76
1.14
1.27
1.70
0.79
1.27
7.01
Date code
857271
TriQuint
ID dot
JJJYHHM
Package Style: SMP- 28
Dimensions: 7.01 x 5.51 x 1.70
 mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5
 – 1.0 μm, over a 2 – 6 μm Ni plating
All dimensions shown are typical in millimeters
All tolerances are ±0.15
 mm except overall length and width
±0.10
 mm
The date code consists of day of the current year (Julian,
3 digits), Y = last digit of the year, and M = manufacturing site
code
Notes:
1. All dimensions shown are typical in millimeters
2. An asterisk (*) in front of the marking code indicates prototype.
Tape and Reel information
Standard T/R size = 3000 units
 / reel . All dimensions are in millimeters
Pad 1 ID dot
2.0
Ø13.0
Ø20.2
Ø330
16.8
2.7
Direction of travel
Ø102
Section A-A
0.3
2.2
7.3
5.8
Ø1.5
8.0
4.0
2.0
A
A
Ø1.5
16.0
7.5
1.75
PCB Mounting Pattern
5.71
.99
7.21
1.34
1.34
.99
.28
.28
Notes:
1. All dimensions are in millimeters. Angles are in degrees.
2. This drawing specifies the mounting pattern used on the TriQuint evaluation
board for this product. Some modification may be necessary to suit end
user assembly materials and processes.


Similar Part No. - 857271_15

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
85720-1050 MOLEX-85720-1050 Datasheet
559Kb / 2P
   RJ-45 Industrial Ethernet Plugs and Jacks
85720-1050 MOLEX9-85720-1050 Datasheet
127Kb / 2P
   Modular Plug, RJ-45, Industrial Ethernet, Category 5, Shielded, IP20, 4 Data Circuits Loaded
85720-2050 MOLEX-85720-2050 Datasheet
559Kb / 2P
   RJ-45 Industrial Ethernet Plugs and Jacks
85720-2050 MOLEX9-85720-2050 Datasheet
145Kb / 2P
   Modular Plug, RJ-45, Push/Pull, Industrial Ethernet, Category 5, Shielded, IP67, 4 Data Contacts Loaded
85720-5050 MOLEX-85720-5050 Datasheet
559Kb / 2P
   RJ-45 Industrial Ethernet Plugs and Jacks
More results

Similar Description - 857271_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856638 TRIQUINT-856638_15 Datasheet
385Kb / 6P
   456 MHz SAW Filter
856687 TRIQUINT-856687_15 Datasheet
1Mb / 9P
   456 MHz SAW Filter
856672 TRIQUINT-856672_15 Datasheet
442Kb / 6P
   456 MHz SAW Filter
logo
Spectrum Microwave, Inc...
SF0456BA02444S SPECTRUM-SF0456BA02444S Datasheet
154Kb / 3P
   456 MHz SAW Filter 2.5 MHz Bandwidth
SF0456BA02445S SPECTRUM-SF0456BA02445S Datasheet
155Kb / 3P
   456 MHz SAW Filter 3.7 MHz Bandwidth
logo
API Technologies Corp
SF0456BA02444S APITECH-SF0456BA02444S Datasheet
154Kb / 3P
   456 MHz SAW Filter 2.5 MHz Bandwidth
SF0456BA02445S APITECH-SF0456BA02445S Datasheet
155Kb / 3P
   456 MHz SAW Filter 3.7 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0463A TAI-SAW-TB0463A Datasheet
218Kb / 6P
   IF SAW Filter 456 MHz(SMD 5.0X7.0mm)
TB0471A TAI-SAW-TB0471A Datasheet
222Kb / 7P
   IF SAW Filter 456 MHz(SMD 7.0X5.0mm)
TB0462A TAI-SAW-TB0462A Datasheet
253Kb / 7P
   456 MHz 5MHz BW SMD5x5mm IF SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com