Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG2406TK Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PG2406TK
Description  0.01 to 3.0 GHz SPDT SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PG2406TK Datasheet(HTML) 1 Page - Renesas Technology Corp

  PG2406TK_15 Datasheet HTML 1Page - Renesas Technology Corp PG2406TK_15 Datasheet HTML 2Page - Renesas Technology Corp PG2406TK_15 Datasheet HTML 3Page - Renesas Technology Corp PG2406TK_15 Datasheet HTML 4Page - Renesas Technology Corp PG2406TK_15 Datasheet HTML 5Page - Renesas Technology Corp PG2406TK_15 Datasheet HTML 6Page - Renesas Technology Corp PG2406TK_15 Datasheet HTML 7Page - Renesas Technology Corp PG2406TK_15 Datasheet HTML 8Page - Renesas Technology Corp PG2406TK_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
2009
DESCRIPTION
The
μPG2406TK is a GaAs MMIC for L, S-band SPDT (Single Pole Double Throw) switch which were designed for
mobile phone and another L, S-band application.
This device can operate 2 control switching by control voltage 1.8 to 5.3 V. This device can operate frequency from
0.01 to 3.0 GHz, having the low insertion loss and high isolation.
This device is housed in a 6-pin lead-less minimold package. And this package is able to high-density surface
mounting.
FEATURES
• Switch control voltage
: Vcont (H) = 1.8 to 5.3 V (2.7 V TYP.)
: Vcont (L) =
−0.2 to +0.2 V (0 V TYP.)
• Low insertion loss
: Lins = 0.40 dB TYP. @ f = 1.0 GHz, Vcont (H) = 2.7 V, Vcont (L) = 0 V
: Lins = 0.47 dB TYP. @ f = 2.5 GHz, Vcont (H) = 2.7 V, Vcont (L) = 0 V
• High isolation
: ISL = 27 dB TYP. @ f = 1.0 GHz, Vcont (H) = 2.7 V, Vcont (L) = 0 V
: ISL = 17 dB TYP. @ f = 2.5 GHz, Vcont (H) = 2.7 V, Vcont (L) = 0 V
• Handling power
: Pin (0.1 dB) = +29.0 dBm TYP. @ f = 2.0/2.5 GHz, Vcont (H) = 2.7 V, Vcont (L) = 0 V
: Pin (1 dB) = +30.5 dBm TYP. @ f = 0.5 to 3.0 GHz, Vcont (H) = 2.7 V, Vcont (L) = 0 V
• High-density surface mounting : 6-pin lead-less minimold package (1.5
× 1.1 × 0.55 mm)
APPLICATIONS
• L, S-band digital cellular or cordless telephone
• W-LAN, WLL and Bluetooth
TM etc.
ORDERING INFORMATION
Part Number
Order Number
Package
Marking
Supplying Form
μPG2406TK-E2
μPG2406TK-E2-A
6-pin lead-less minimold
(1511 PKG) (Pb-Free)
G5K
• Embossed tape 8 mm wide
• Pin 1, 6 face the perforation side of the tape
• Qty 5 kpcs/reel
Remark To order evaluation samples, contact your nearby sales office.
Part number for sample order:
μPG2406TK
DATA SHEET
Caution Although this device is designed to be as robust as possible, ESD (Electrostatic Discharge) can
damage this device. This device must be protected at all times from ESD. Static charges may
easily produce potentials of several kilovolts on the human body or equipment, which can
discharge without detection. Industry-standard ESD precautions must be employed at all times.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
0.01 to 3.0 GHz SPDT SWITCH
GaAs INTEGRATED CIRCUIT
μPG2406TK
Document No. PG10746EJ01V0DS (1st edition)
Date Published January 2009 NS
Printed in Japan


Similar Part No. - PG2406TK_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PG2406TB RENESAS-PG2406TB_15 Datasheet
246Kb / 15P
   0.01 to 3.0 GHz SPDT SWITCH
More results

Similar Description - PG2406TK_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PG2406TB RENESAS-PG2406TB_15 Datasheet
246Kb / 15P
   0.01 to 3.0 GHz SPDT SWITCH
logo
California Eastern Labs
UPG2406TK CEL-UPG2406TK_09 Datasheet
554Kb / 12P
   0.01 to 3.0 GHz SPDT SWITCH
UPG2406TK CEL-UPG2406TK Datasheet
554Kb / 12P
   0.01 to 3.0 GHz SPDT SWITCH
logo
NEC
UPG2406TB NEC-UPG2406TB Datasheet
123Kb / 13P
   0.01 to 3.0 GHz SPDT SWITCH
UPG2406T6R NEC-UPG2406T6R Datasheet
128Kb / 13P
   0.01 to 3.0 GHz SPDT SWITCH
UPG2406TK NEC-UPG2406TK Datasheet
123Kb / 13P
   0.01 to 3.0 GHz SPDT SWITCH
logo
Tyco Electronics
SW-137-PIN MACOM-SW-137-PIN Datasheet
123Kb / 3P
   GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-137-PIN MA-COM-SW-137-PIN Datasheet
59Kb / 3P
   GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
MASWSS0024 MA-COM-MASWSS0024 Datasheet
70Kb / 4P
   SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0178 MA-COM-MASWSS0178 Datasheet
84Kb / 4P
   SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com