Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

880368 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 880368
Description  1280 MHz BAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

880368 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  880368 Datasheet HTML 1Page - TriQuint Semiconductor 880368 Datasheet HTML 2Page - TriQuint Semiconductor 880368 Datasheet HTML 3Page - TriQuint Semiconductor 880368 Datasheet HTML 4Page - TriQuint Semiconductor 880368 Datasheet HTML 5Page - TriQuint Semiconductor 880368 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
880368
1280 MHz BAW Filter
Data Sheet: Rev A 12/2011
- 1 of 6 -
Disclaimer: Subject to change without notice e
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Applications
L-Band
For high-selectivity applications
Product Features
Functional Block Diagram
Usable bandwidth 19 MHz
Low loss
High selectivity
Single-ended operation
Ceramic chip-scale Package (CSP)
Small Size
Hermetic RoHS compliant, Pb-free
I/O
I/O
GND
Pin Configuration
Pin # SE-Balanced
Description
I/O
Input/Output
GND
Ground
Ordering Information
Part No.
Description
880368
packaged part
880368 Eval Board
evaluation board
0.84 NOM.
0.89 MAX.
3.71
2.57
0.51
0.51
0.98
0.58
0.50
0.45
0.075 TYP.
0.075 TYP.
Overall width, length, and thickness are the only critical dimensions.
All other dimensions are for reference only.
Dimensions shown are nominal in millimeters
All tolerances are
0.13mm except overall
length and width
0.25mm
Body: Sapphire
Package: Alumina
Terminations: Au plating 0.5 - 2.5
m, over a 2.0 – 6.0 m Ni plating


Similar Part No. - 880368

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
880368 QORVO-880368 Datasheet
234Kb / 6P
   1280 MHz BAW Filter
880368EVALBOARD QORVO-880368EVALBOARD Datasheet
234Kb / 6P
   1280 MHz BAW Filter
More results

Similar Description - 880368

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
880368 QORVO-880368 Datasheet
234Kb / 6P
   1280 MHz BAW Filter
logo
TriQuint Semiconductor
885024 TRIQUINT-885024_15 Datasheet
451Kb / 6P
   1960 MHz BAW Filter
880371 TRIQUINT-880371_15 Datasheet
112Kb / 5P
   915 MHz BAW Filter
880367 TRIQUINT-880367 Datasheet
111Kb / 5P
   1030 MHz BAW Filter
logo
Qorvo, Inc
880543 QORVO-880543 Datasheet
301Kb / 5P
   428 MHz BAW Filter
885135 QORVO-885135 Datasheet
575Kb / 8P
   2439.5 MHz BAW Filter
880157 QORVO-880157 Datasheet
237Kb / 6P
   2560 MHz BAW Filter
logo
TriQuint Semiconductor
885007 TRIQUINT-885007_15 Datasheet
471Kb / 6P
   2436 MHz BAW Filter
880126 TRIQUINT-880126_15 Datasheet
112Kb / 5P
   2106 MHz BAW Filter
885014 TRIQUINT-885014_15 Datasheet
492Kb / 6P
   2332.5 MHz BAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com