Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9Z24S Datasheet(PDF) 1 Page - International Rectifier

Part # IRF9Z24S
Description  Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-11A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9Z24S Datasheet(HTML) 1 Page - International Rectifier

  IRF9Z24S Datasheet HTML 1Page - International Rectifier IRF9Z24S Datasheet HTML 2Page - International Rectifier IRF9Z24S Datasheet HTML 3Page - International Rectifier IRF9Z24S Datasheet HTML 4Page - International Rectifier IRF9Z24S Datasheet HTML 5Page - International Rectifier IRF9Z24S Datasheet HTML 6Page - International Rectifier IRF9Z24S Datasheet HTML 7Page - International Rectifier IRF9Z24S Datasheet HTML 8Page - International Rectifier IRF9Z24S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRF9Z24S/L
HEXFET® Power MOSFET
PD - 9.912A
VDSS = -60V
RDS(on) = 0.28Ω
ID = -11A
2
D
P a k
T O - 262
8/25/97
S
D
G
l Advanced Process Technology
l Surface Mount (IRF9Z24S)
l Low-profile through-hole (IRF9Z24L)
l 175°C Operating Temperature
l Fast Switching
l P- Channel
l Fully Avalanche Rated
Description
Third Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low
on-resistance per silicon area.
This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs
are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of
applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible on-
resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of
its low internal connection resistance and can dissipate
up to 2.0W in a typical surface mount application.
The through-hole version (IRF9Z24L) is available for low-
profile applications.
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
…
-11
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V…
-7.7
A
IDM
Pulsed Drain Current
…
-44
PD @TA = 25°C
Power Dissipation
3.7
W
PD @TC = 25°C
Power Dissipation
60
W
Linear Derating Factor
0.40
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚…
240
mJ
IAR
Avalanche Current

-11
A
EAR
Repetitive Avalanche Energy

6.0
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
-4.5
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
2.5
RθJA
Junction-to-Ambient ( PCB Mounted,steady-state)**
–––
40
Thermal Resistance
°C/W
Absolute Maximum Ratings


Similar Part No. - IRF9Z24S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF9Z24S VISHAY-IRF9Z24S Datasheet
2Mb / 8P
   Power MOSFET
Rev. A, 03-Jun-08
IRF9Z24S VISHAY-IRF9Z24S Datasheet
207Kb / 9P
   Power MOSFET
01-Jan-2022
IRF9Z24SPBF VISHAY-IRF9Z24SPBF Datasheet
2Mb / 8P
   Power MOSFET
Rev. A, 03-Jun-08
IRF9Z24SPBF VISHAY-IRF9Z24SPBF Datasheet
207Kb / 9P
   Power MOSFET
01-Jan-2022
IRF9Z24STRL VISHAY-IRF9Z24STRL Datasheet
2Mb / 8P
   Power MOSFET
Rev. A, 03-Jun-08
More results

Similar Description - IRF9Z24S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRFI644G IRF-IRFI644G Datasheet
174Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=7.9A)
IRFP244 IRF-IRFP244 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=15A)
IRF644S IRF-IRF644S Datasheet
219Kb / 8P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRC644 IRF-IRC644 Datasheet
225Kb / 8P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRFRU9024N IRF-IRFRU9024N Datasheet
117Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com