Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF5210L Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # IRF5210L
Description  Advanced Process Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF5210L Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRF5210L Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF5210L Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF5210L Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF5210L Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF5210L Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF5210L Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF5210L Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF5210L Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRF5210
Power MOSFET
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 watts. The low thermal resistance
and low package cost of the TO-220 contribute to its wide
acceptance throughout the industry.
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ -10V
-40
ID @ TC = 100°C
Continuous Drain Current, VGS @ -10V
-29
A
IDM
Pulsed Drain Current

-140
PD @TC = 25°C
Power Dissipation
200
W
Linear Derating Factor
1.3
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
780
mJ
IAR
Avalanche Current

-21
A
EAR
Repetitive Avalanche Energy

20
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
-5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 screw
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.75
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
VDSS = -100V
RDS(on) = 0.06Ω
ID = -40A
TO-220AB
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l P-Channel
l Fully Avalanche Rated
Description
S
D
G
2014-8-10
1
www.kersemi.com


Similar Part No. - IRF5210L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5210L IRF-IRF5210L Datasheet
186Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.06ohm, Id=-40A)
logo
Inchange Semiconductor ...
IRF5210L ISC-IRF5210L Datasheet
272Kb / 2P
   isc P-Channel MOSFET Transistor
logo
International Rectifier
IRF5210LPBF IRF-IRF5210LPBF Datasheet
696Kb / 10P
   HEXFET Power MOSFET
IRF5210LPBF IRF-IRF5210LPBF Datasheet
316Kb / 10P
   Advanced Process Technology
More results

Similar Description - IRF5210L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com