Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF5210L Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # IRF5210L
Description  Advanced Process Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF5210L Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  IRF5210L Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF5210L Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF5210L Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF5210L Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF5210L Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF5210L Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF5210L Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF5210L Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
1
10
100
1000
0.1
1
1 0
1 0 0
DS
A
-V
, D rain-to-S ourc e V oltage (V )
VGS
TO P
- 15V
- 10V
- 8.0V
- 7.0V
- 6.0V
- 5.5V
- 5.0V
BOT TOM - 4.5V
-4.5 V
40µ s PU LS E W ID T H
T = 2 5°C
c
1
10
100
1000
0.1
1
1 0
1 0 0
DS
A
-V
, D ra in-to-S o u rce V o lta ge (V )
VGS
TOP
- 15V
- 10V
- 8.0V
- 7.0V
- 6.0V
- 5.5V
- 5.0V
BOTTOM - 4.5V
-4 .5V
40µ s P U LS E W ID T H
T
= 175°C
C
1
10
100
1000
4
567
89
1 0
T = 2 5 °C
J
GS
A
-V
, G a te -to -S o u rc e V o lta g e (V )
T = 175°C
V
= -5 0 V
40µs PU LSE W ID T H
DS
J
0.0
0.5
1.0
1.5
2.0
2.5
3.0
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
100 120 140 160 180
J
T
, Junction T em perature (°C )
A
V
= -1 0V
GS
I
= -35 A
D
IRF5210
2014-8-10
3
www.kersemi.com


Similar Part No. - IRF5210L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5210L IRF-IRF5210L Datasheet
186Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.06ohm, Id=-40A)
logo
Inchange Semiconductor ...
IRF5210L ISC-IRF5210L Datasheet
272Kb / 2P
   isc P-Channel MOSFET Transistor
logo
International Rectifier
IRF5210LPBF IRF-IRF5210LPBF Datasheet
696Kb / 10P
   HEXFET Power MOSFET
IRF5210LPBF IRF-IRF5210LPBF Datasheet
316Kb / 10P
   Advanced Process Technology
More results

Similar Description - IRF5210L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com