Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLR9343 Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # IRLR9343
Description  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLR9343 Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  IRLR9343 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRLR9343 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRLR9343 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLR9343 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLR9343 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLR9343 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLR9343 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLR9343 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLR9343 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
Fig 6. Typical Gate Charge vs.Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.Drain-to-Source Voltage
0.1
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
≤ 60µs PULSE WIDTH
Tj = 25°C
-2.5V
VGS
TOP
-15V
-12V
-10V
-8.0V
-5.5V
-4.5V
-3.0V
BOTTOM
-2.5V
0.1
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
≤ 60µs PULSE WIDTH
Tj = 175°C
-2.5V
VGS
TOP
-15V
-12V
-10V
-8.0V
-5.5V
-4.5V
-3.0V
BOTTOM
-2.5V
0.0
5.0
10.0
15.0
-VGS, Gate-to-Source Voltage (V)
0.1
1.0
10.0
100.0
VDS = -25V
≤ 60µs PULSE WIDTH
TJ = 25°C
TJ = 175°C
-60 -40 -20
0
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = -14A
VGS = -10V
1
10
100
-VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = C gs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
102030
4050
QG Total Gate Charge (nC)
0
4
8
12
16
20
VDS= -44V
VDS= -28V
VDS= -11V
ID= -14A
FOR TEST CIRCUIT
SEE FIGURE 19
IRLR/U9343 & IRLU9343-701
2014-8-16
3
www.kersemi.com


Similar Part No. - IRLR9343

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR9343 IRF-IRLR9343 Datasheet
245Kb / 10P
   DIGITAL AUDIO MOSFET
logo
Inchange Semiconductor ...
IRLR9343 ISC-IRLR9343 Datasheet
358Kb / 2P
   isc P-Channel MOSFET Transistor
logo
International Rectifier
IRLR9343PBF IRF-IRLR9343PBF Datasheet
299Kb / 10P
   DIGITAL AUDIO MOSFET
IRLR9343PBF IRF-IRLR9343PBF Datasheet
308Kb / 11P
   Advanced Process Technology
IRLR9343PBF IRF-IRLR9343PBF_15 Datasheet
308Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRLR9343

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com