Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLU9343 Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # IRLU9343
Description  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLU9343 Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRLU9343 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRLU9343 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRLU9343 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLU9343 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLU9343 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLU9343 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLU9343 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLU9343 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLU9343 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRLR/U9343 & IRLU9343-701
S
D
G
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
-55
–––
–––
V
∆ΒV
DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
-52
–––
mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
93
105
m
–––
150
170
VGS(th)
Gate Threshold Voltage
-1.0
–––
–––
V
∆V
GS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-3.7
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
-2.0
µA
–––
–––
-25
IGSS
Gate-to-Source Forward Leakage
–––
–––
-100
nA
Gate-to-Source Reverse Leakage
–––
–––
100
gfs
Forward Transconductance
5.3
–––
–––
S
Qg
Total Gate Charge
–––
31
47
Qgs
Gate-to-Source Charge
–––
7.1
–––
VGS = -10V
Qgd
Gate-to-Drain Charge
–––
8.5
–––
ID = -14A
Qgodr
Gate Charge Overdrive
–––
15
–––
See Fig. 6 and 19
td(on)
Turn-On Delay Time
–––
9.5
–––
tr
Rise Time
–––
24
–––
td(off)
Turn-Off Delay Time
–––
21
–––
ns
tf
Fall Time
–––
9.5
–––
Ciss
Input Capacitance
–––
660
–––
Coss
Output Capacitance
–––
160
–––
pF
Crss
Reverse Transfer Capacitance
–––
72
–––
Coss
Effective Output Capacitance
–––
280
–––
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
i
A
EAR
Repetitive Avalanche Energy
i
mJ
Diode Characteristics
Parameter
Min.
Typ. Max. Units
IS @ TC = 25°C Continuous Source Current
–––
–––
-20
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
-60
(Body Diode)
c
VSD
Diode Forward Voltage
–––
–––
-1.2
V
trr
Reverse Recovery Time
–––
57
86
ns
Qrr
Reverse Recovery Charge
–––
120
180
nC
VGS = -4.5V, ID = -2.7A
e
–––
120
See Fig. 14, 15, 17a, 17b
VDS = VGS, ID = -250µA
VDS = -55V, VGS = 0V
VDS = -55V, VGS = 0V, TJ = 125°C
VGS = -20V
VGS = 20V
ID = -14A
Typ.
Max.
ƒ = 1.0MHz,
See Fig.5
VGS = 0V, VDS = 0V to -44V
VGS = 0V
TJ = 25°C, IF = -14A
di/dt = 100A/µs
e
TJ = 25°C, IS = -14A, VGS = 0V
e
showing the
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = -250µA
Reference to 25°C, ID = -1mA
VGS = -10V, ID = -3.4A
e
MOSFET symbol
RG = 2.5Ω
VDS = -25V, ID = -14A
VDS = -44V
Conditions
and center of die contact
f
VDD = -28V, VGS = -10V
e
VDS = -50V
2014-8-16
2
www.kersemi.com


Similar Part No. - IRLU9343

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLU9343 IRF-IRLU9343 Datasheet
245Kb / 10P
   DIGITAL AUDIO MOSFET
logo
Inchange Semiconductor ...
IRLU9343 ISC-IRLU9343 Datasheet
304Kb / 2P
   isc P-Channel MOSFET Transistor
logo
International Rectifier
IRLU9343-701 IRF-IRLU9343-701 Datasheet
245Kb / 10P
   DIGITAL AUDIO MOSFET
IRLU9343-701PBF IRF-IRLU9343-701PBF Datasheet
299Kb / 10P
   DIGITAL AUDIO MOSFET
IRLU9343PBF IRF-IRLU9343PBF Datasheet
299Kb / 10P
   DIGITAL AUDIO MOSFET
More results

Similar Description - IRLU9343

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com