Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

885008 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # 885008
Description  2440 GHz BAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

885008 Datasheet(HTML) 6 Page - TriQuint Semiconductor

  885008_15 Datasheet HTML 1Page - TriQuint Semiconductor 885008_15 Datasheet HTML 2Page - TriQuint Semiconductor 885008_15 Datasheet HTML 3Page - TriQuint Semiconductor 885008_15 Datasheet HTML 4Page - TriQuint Semiconductor 885008_15 Datasheet HTML 5Page - TriQuint Semiconductor 885008_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
885008
2440 GHz BAW Filter
Data Sheet Rev C 02-18-15
- 6 of 6 -
Disclaimer: Subject to change without notice
© 2015 TriQuint
Product Compliance Information
ESD Sensitivity Ratings
Caution! ESD-Sensitive Device
ESD Rating: 3A
Value:
Passes
 4000V min.
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: C
Value:
Passes
 1700 V min.
Test:
Machine Model (MM)
Standard:
JEDEC Standard JESD22-A115
Solderability
Compatible with the latest version of J-STD-020, lead
free solder, 260°C
Refer
to
Soldering
Profile
for
recommended
guidelines.
RoHs Compliance
This part is compliant with EU 2002/95/EC RoHS
directive
(Restrictions
on
the
Use
of
Certain
Hazardous Substances in Electrical and Electronic
Equipment).
This product also has the following attributes:
 Halogen Free (Chlorine, Bromine)
 Antimony Free
 TBBP-A (C
15H12Br402) Free
 PFOS Free
 SVHC Free
MSL Rating
Not applicable. Hermetic package.
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and
information about TriQuint:
Web:
www.triquint.com
Tel:
+1.407.886.8860
Email: info-sales@tqs.com
Fax:
+1.407.886.7061
For technical questions and application information: Email: flapplication.engineering@tqs.com
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information
contained herein. TriQuint assumes no responsibility or liability whatsoever for any of the information contained
herein. TriQuint assumes no responsibility or liability whatsoever for the use of the information contained herein.
The information contained herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated
with such information is entirely with the user. All information contained herein is subject to change without notice.
Customers should obtain and verify the latest relevant information before placing orders for TriQuint products. The
information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or
anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-
sustaining applications, or other applications where a failure would reasonably be expected to cause severe
personal injury or death.


Similar Part No. - 885008_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
885007 TRIQUINT-885007 Datasheet
471Kb / 6P
   2436 MHz BAW Filter
885007-EVB TRIQUINT-885007-EVB Datasheet
471Kb / 6P
   2436 MHz BAW Filter
885007 TRIQUINT-885007_15 Datasheet
471Kb / 6P
   2436 MHz BAW Filter
885009 TRIQUINT-885009 Datasheet
554Kb / 9P
   2535 MHz BAW Filter
885009-EVB TRIQUINT-885009-EVB Datasheet
554Kb / 9P
   2535 MHz BAW Filter
More results

Similar Description - 885008_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
885010 TRIQUINT-885010_15 Datasheet
657Kb / 6P
   2442 GHz BAW Filter
logo
Skyworks Solutions Inc.
SKY33100-360LF SKYWORKS-SKY33100-360LF Datasheet
293Kb / 5P
   BAW Band Pass Filter 2.4 GHz
logo
TriQuint Semiconductor
885024 TRIQUINT-885024_15 Datasheet
451Kb / 6P
   1960 MHz BAW Filter
880371 TRIQUINT-880371_15 Datasheet
112Kb / 5P
   915 MHz BAW Filter
880367 TRIQUINT-880367 Datasheet
111Kb / 5P
   1030 MHz BAW Filter
logo
Qorvo, Inc
880543 QORVO-880543 Datasheet
301Kb / 5P
   428 MHz BAW Filter
885135 QORVO-885135 Datasheet
575Kb / 8P
   2439.5 MHz BAW Filter
880157 QORVO-880157 Datasheet
237Kb / 6P
   2560 MHz BAW Filter
logo
TriQuint Semiconductor
885007 TRIQUINT-885007_15 Datasheet
471Kb / 6P
   2436 MHz BAW Filter
880126 TRIQUINT-880126_15 Datasheet
112Kb / 5P
   2106 MHz BAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com