Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

885017 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 885017
Description  2436 MHz BAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

885017 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  885017 Datasheet HTML 1Page - TriQuint Semiconductor 885017 Datasheet HTML 2Page - TriQuint Semiconductor 885017 Datasheet HTML 3Page - TriQuint Semiconductor 885017 Datasheet HTML 4Page - TriQuint Semiconductor 885017 Datasheet HTML 5Page - TriQuint Semiconductor 885017 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
885017
2436 MHz BAW Filter
Data Sheet Rev A 11/28/12
- 1 of 6 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Applications
WiFi bandpass filter that enables the coexistence of 4G
(WiMAX/LTE/TD-LTE) & WiFi signals
Handsets
Portable Hotspots
Mobile Routers
Smart Meters
High-power WLAN Access Points
Applicable reject bands: 2.6 GHz WiMAX/LTE,
2.3GHz WiMAX/LTE, LTE Bands 7 & 38, TD-LTE
Band 40, WCS, WiBro, Indian 2.3GHz 4G band
1.4 x 1.2 x 0.46 mm
Product Features
Functional Block Diagram
Top view
Low Loss in WLAN band w/ extended upper corner for
inclusion of Bluetooth
High Rejection in 2300-2380 MHz bands:
WiMAX/WCS/WiBro/Band 40/Indian 4G band
Industry-leading small size: 1.4 x 1.2 x 0.46 mm
+28 dBm (CW) power handling
Performance over -30 to +85 ºC
Single-ended operation
Ceramic chip-scale package (CSP)
Hermetically Sealed
RoHS compliant, Pb-free
5
2
4
3
1
Input
Output
Gnd
Gnd
Gnd
General Description
Pin Configuration
885017 is a high-performance, high-power Bulk Acoustic
Wave (BAW) bandpass filter with extremely steep skirts,
simultaneously exhibiting low loss in the WiFi band & high
near-in rejection in the 2.3GHz & 2.6GHz
WiMAX/LTE/TD-LTE bands.
885017 is specifically designed to enable coexistence of
WiFi and WiMAX/LTE signals within the same device or in
close proximity to one another.
885017 uses advanced and inexpensive packaging
techniques to achieve an industry-leading 1.4 x 1.2 x 0.46
mm package. The filter exhibits excellent power handling
capabilities.
885017 is referenced on multiple designs with the leading
WiMAX chipset makers
Pin # SE
Description
1
Input
4
Output
2,3,5
Case Ground
Ordering Information
Part No.
Description
885017
packaged part
885017-EVB
evaluation board
Standard T/R size = 10,000 units/reel.


Similar Part No. - 885017

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
885010 TRIQUINT-885010 Datasheet
657Kb / 6P
   2442 GHz BAW Filter
885010-EVB TRIQUINT-885010-EVB Datasheet
657Kb / 6P
   2442 GHz BAW Filter
885010 TRIQUINT-885010_15 Datasheet
657Kb / 6P
   2442 GHz BAW Filter
logo
Wurth Elektronik GmbH &...
885012004001 WURTH-885012004001 Datasheet
446Kb / 8P
   WCAP-CSGP Ceramic Capacitors 0201
001.001
885012004002 WURTH-885012004002 Datasheet
519Kb / 8P
   WCAP-CSGP Ceramic Capacitors 0201
001.000
More results

Similar Description - 885017

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
885007 TRIQUINT-885007_15 Datasheet
471Kb / 6P
   2436 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1218D TAI-SAW-TA1218D Datasheet
239Kb / 8P
   SAW Filter 2436 MHz
logo
TriQuint Semiconductor
885024 TRIQUINT-885024_15 Datasheet
451Kb / 6P
   1960 MHz BAW Filter
880371 TRIQUINT-880371_15 Datasheet
112Kb / 5P
   915 MHz BAW Filter
880367 TRIQUINT-880367 Datasheet
111Kb / 5P
   1030 MHz BAW Filter
logo
Qorvo, Inc
880543 QORVO-880543 Datasheet
301Kb / 5P
   428 MHz BAW Filter
885135 QORVO-885135 Datasheet
575Kb / 8P
   2439.5 MHz BAW Filter
880157 QORVO-880157 Datasheet
237Kb / 6P
   2560 MHz BAW Filter
logo
TriQuint Semiconductor
880126 TRIQUINT-880126_15 Datasheet
112Kb / 5P
   2106 MHz BAW Filter
885014 TRIQUINT-885014_15 Datasheet
492Kb / 6P
   2332.5 MHz BAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com