Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSMD1P50 Datasheet(PDF) 8 Page - Kersemi Electronic Co., Ltd.

Part # KSMD1P50
Description  500V P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSMD1P50 Datasheet(HTML) 8 Page - Kersemi Electronic Co., Ltd.

  KSMD1P50 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSMD1P50 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSMD1P50 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSMD1P50 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSMD1P50 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSMD1P50 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. KSMD1P50 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. KSMD1P50 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Package Dimensions (Continued)
6.60
±0.20
0.76
±0.10
MAX0.96
2.30TYP
[2.30
±0.20]
2.30TYP
[2.30
±0.20]
5.34
±0.20
0.50
±0.10
0.50
±0.10
2.30
±0.20
(0.50)
(0.50)
(4.34)
IPAK
KSMD1P50 / KSMU1P50
2014-7-8
8
www.kersemi.com


Similar Part No. - KSMD1P50

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMD10N20 KERSEMI-KSMD10N20 Datasheet
1Mb / 8P
   200V N-CHANNEL MOSFET
KSMD10N20C KERSEMI-KSMD10N20C Datasheet
2Mb / 6P
   N-Channel MOSFET 200 V, 7.8 A, 360 m
KSMD10N20L KERSEMI-KSMD10N20L Datasheet
1Mb / 8P
   200V LOGIC N-Channel MOSFET
KSMD11P06 KERSEMI-KSMD11P06 Datasheet
1Mb / 8P
   60V P-Channel MOSFET
KSMD120N KERSEMI-KSMD120N Datasheet
671Kb / 4P
   Excellent package for good heat dissipation.
More results

Similar Description - KSMD1P50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD3P50TM FAIRCHILD-FQD3P50TM Datasheet
766Kb / 9P
   500V P-Channel MOSFET
FQD1P50TF FAIRCHILD-FQD1P50TF Datasheet
696Kb / 9P
   500V P-Channel MOSFET
FQD1P50 FAIRCHILD-FQD1P50 Datasheet
569Kb / 9P
   500V P-Channel MOSFET
FQB1P50 FAIRCHILD-FQB1P50 Datasheet
571Kb / 9P
   500V P-Channel MOSFET
FQB3P50 FAIRCHILD-FQB3P50 Datasheet
645Kb / 9P
   500V P-Channel MOSFET
FQB3P50TM FAIRCHILD-FQB3P50TM Datasheet
651Kb / 9P
   500V P-Channel MOSFET
FQD3P50 FAIRCHILD-FQD3P50_09 Datasheet
766Kb / 9P
   500V P-Channel MOSFET
FQPF3P50 FAIRCHILD-FQPF3P50 Datasheet
620Kb / 8P
   500V P-Channel MOSFET
FQD3P50 FAIRCHILD-FQD3P50 Datasheet
638Kb / 9P
   500V P-Channel MOSFET
FQPF1P50 FAIRCHILD-FQPF1P50 Datasheet
564Kb / 8P
   500V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com