Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

885032 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 885032
Description  2.4GHz WLAN/BT LTE Co-Existence Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

885032 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  885032_15 Datasheet HTML 1Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
885032
2.4GHz WLAN/BT LTE Co-Existence Filter
Final Data Sheet: Rev F 04-17-14
-
1 of 6 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
Applications
WiFi bandpass filter that enables the
coexistence of 4G (WiMAX/LTE/TD-LTE) &
WiFi signals
Handsets
Portable Hotspots
Mobile Routers
Smart Meters
High-power WLAN Access Points
Applicable reject bands: 2.6 GHz WiMAX/LTE,
LTE Bands 7 & 41
CSP-5CT package: 1.4x1.2x0.46mm
Ordering Information
Part No.
Description
885032
Packaged part
885032-EVB
Evaluation board
Standard T/R size = 10,000 units/reel
Pin Configuration
Pin No.
Label
1
Input
4
Output
2,3,5
Ground
Functional Block Diagram
Top View
5
2
4
3
1
Input
Output
Gnd
Gnd
Gnd
Product Features
Low Loss in WLAN band with extended upper
corner for inclusion of Bluetooth
High Rejection in B7/B41 bands
Industry leading small size: 1.4 x 1.2 x 0.46
mm
Performance over -30 to +85 ºC
Single Ended operation
Hermetically sealed
RoHS compliant, Pb-free module package
General Description
The 885032 is a high-performance, high power Bulk
Acoustic Wave (BAW) band-pass filter with extremely
steep skirts, simultaneously exhibiting low loss in the
WiFi band and high near-in rejection in the 2.6GHz
bands.
885032 is specifically designed to enable coexistence
of WiFi and LTE signals within the same device or in
close proximity to one another.
The 885032 uses common module packaging
techniques to achieve the industry standard 1.4 x 1.2 x
0.46 mm footprint. The filter exhibits excellent power
handling capabilities.


Similar Part No. - 885032_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
885033 TRIQUINT-885033 Datasheet
215Kb / 6P
   2.4GHz WLAN/BT LTE Co-Existence Filter
885033-EVB TRIQUINT-885033-EVB Datasheet
215Kb / 6P
   2.4GHz WLAN/BT LTE Co-Existence Filter
885033 TRIQUINT-885033_15 Datasheet
215Kb / 6P
   2.4GHz WLAN/BT LTE Co-Existence Filter
More results

Similar Description - 885032_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
885033 TRIQUINT-885033_15 Datasheet
215Kb / 6P
   2.4GHz WLAN/BT LTE Co-Existence Filter
885067 TRIQUINT-885067_15 Datasheet
64Kb / 1P
   2.4GHz WLAN/BT LTE Co-Existence Filter
logo
Qorvo, Inc
885067 QORVO-885067 Datasheet
453Kb / 7P
   2.4GHz WLAN/BT LTE Co-Existence Filter
logo
TriQuint Semiconductor
885062 TRIQUINT-885062_15 Datasheet
364Kb / 8P
   2.4 GHz WLAN/BT LTE Co-Existence Filter
885071 TRIQUINT-885071_15 Datasheet
87Kb / 1P
   2.4 GHz WLAN/BT LTE Co-Existence Filter
logo
Qorvo, Inc
885071 QORVO-885071 Datasheet
368Kb / 8P
   2.4 GHz WLAN/BT LTE Co-Existence Filter
QPQ1907 QORVO-QPQ1907 Datasheet
418Kb / 9P
   2.4GHz Wi-Fi/BT/LTE Co-Existence BAW Filter
logo
TriQuint Semiconductor
885071-A TRIQUINT-885071-A Datasheet
1,005Kb / 8P
   2.4 GHz WLAN/BTLTE Co-Existence Filter
logo
Skyworks Solutions Inc.
RFX8425 SKYWORKS-RFX8425 Datasheet
555Kb / 5P
   2.4GHZ CMOS WLAN / BT DUAL-MODE RFEIC WITH PA, LNA & SP3T
logo
American Accurate Compo...
JXMBSG-T-L20-01-C AAC-JXMBSG-T-L20-01-C Datasheet
170Kb / 1P
   WLAN 2.4GHz Cavity Diplexer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com