Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

885053 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 885053
Description  1880 MHz BAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

885053 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  885053 Datasheet HTML 1Page - TriQuint Semiconductor 885053 Datasheet HTML 2Page - TriQuint Semiconductor 885053 Datasheet HTML 3Page - TriQuint Semiconductor 885053 Datasheet HTML 4Page - TriQuint Semiconductor 885053 Datasheet HTML 5Page - TriQuint Semiconductor 885053 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
885053
1880 MHz BAW Filter
Data Sheet: Rev D 09-17-2014
- 2 of 6 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
Parameter
Rating
Storage Temperature
-40 to +125°C
Operating Temperature
(1)
-40 to +95°C
RF Input Power
CW, +95°C for 1000 hours
+30 dBm
CW, +95°C for 2 hours
+33 dBm
1. Operation of this device outside the parameter ranges given
may cause permanent damage.
Absolute Maximum Ratings
Electrical Specifications
(1)
Test conditions unless otherwise noted:
(2)
Temp= -40°C to +95°C
Parameter
(3)
Conditions
Min
Typ
(4)
Max
Units
Center Frequency
-
1880.0
-
MHz
Maximum Insertion Loss
1850
–1910 MHz
-
2.0
2.8
dB
Amplitude Variation
(5)
1850
–1910 MHz
-
1.0
1.8
dB p-p
Group Delay Variation
(5)
1850
–1910 MHz
1850
–1910 MHz
over any 5 MHz span
1855
–1905 MHz
over any 5 MHz span
-
-
-
27
9
7
40
15
12
ns p-p
ns p-p
ns p-p
Absolute Attenuation
(6)
9
–1475 MHz
1475
–1570 MHz
1570
–1725 MHz
1725
–1755 MHz
1755
–1805 MHz
1805
–1830 MHz
1930
–1935 MHz
1935
–1990 MHz
1990
–2170 MHz
2170
–2700 MHz
2700
–3800 MHz
3800
–5000 MHz
30
35
40
35
30
20
35
45
30
15
10
5
41
47
44
40
35
34
45
50
50
35
25
20
-
-
-
-
-
-
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
Input VSWR
1850
–1910 MHz
-
1.9
2.5:1
-
Output VSWR
1850
–1910 MHz
-
1.9
2.5:1
-
Source Impedance
(7)
single-ended
-
50
-
Load Impedance
(7)
single-ended
-
50
-
Notes:
1.
All specifications are based on the TriQuint schematic shown on page 3
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance
over temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
4.
Typical values are based on average measurements at room temperature
5.
Amplitude Variation is defined as the difference between the lowest loss and the highest loss within defined frequency
points
6.
Relative to zero dB
7.
This is the optimum impedance in order to achieve the performance shown


Similar Part No. - 885053

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
8850 KEYSTONE-8850 Datasheet
96Kb / 1P
   PTFE FORK INSULATED TERMINAL
3.31.99
logo
Altech corporation
8850.2 ALTECH-8850.2 Datasheet
85Kb / 2P
   INTERFACES CONNECTOR-TO-WIRE Ribbon Cable Module 35 or 32mm DIN Rail
logo
TriQuint Semiconductor
885007 TRIQUINT-885007 Datasheet
471Kb / 6P
   2436 MHz BAW Filter
885007-EVB TRIQUINT-885007-EVB Datasheet
471Kb / 6P
   2436 MHz BAW Filter
885007 TRIQUINT-885007_15 Datasheet
471Kb / 6P
   2436 MHz BAW Filter
More results

Similar Description - 885053

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
885025 TRIQUINT-885025_15 Datasheet
521Kb / 6P
   1880 MHz BAW Filter
856530 TRIQUINT-856530_15 Datasheet
583Kb / 6P
   1880 MHz SAW Filter
856705 TRIQUINT-856705_15 Datasheet
327Kb / 6P
   1880 MHz SAW Filter
855849 TRIQUINT-855849 Datasheet
384Kb / 5P
   1880 MHz SAW Filter
885024 TRIQUINT-885024_15 Datasheet
451Kb / 6P
   1960 MHz BAW Filter
880371 TRIQUINT-880371_15 Datasheet
112Kb / 5P
   915 MHz BAW Filter
880367 TRIQUINT-880367 Datasheet
111Kb / 5P
   1030 MHz BAW Filter
logo
Qorvo, Inc
880543 QORVO-880543 Datasheet
301Kb / 5P
   428 MHz BAW Filter
885135 QORVO-885135 Datasheet
575Kb / 8P
   2439.5 MHz BAW Filter
880157 QORVO-880157 Datasheet
237Kb / 6P
   2560 MHz BAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com