Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

885062 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # 885062
Description  2.4 GHz WLAN/BT LTE Co-Existence Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

885062 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  885062_15 Datasheet HTML 1Page - TriQuint Semiconductor 885062_15 Datasheet HTML 2Page - TriQuint Semiconductor 885062_15 Datasheet HTML 3Page - TriQuint Semiconductor 885062_15 Datasheet HTML 4Page - TriQuint Semiconductor 885062_15 Datasheet HTML 5Page - TriQuint Semiconductor 885062_15 Datasheet HTML 6Page - TriQuint Semiconductor 885062_15 Datasheet HTML 7Page - TriQuint Semiconductor 885062_15 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
885062
2.4 GHz WLAN/BT LTE Co-Existence Filter
Data Sheet: Rev G 02/10/15
-
4 of 8 -
Disclaimer: Subject to change without notice
© 2015 TriQuint
Electrical Specifications
(1)
Conditions unless otherwise noted: Device Temperature = 0°C to +70°C.
Parameter
(2)
Conditions
Min
Typ (+25°C)
Max
Units
Insertion Loss
(3)
2402.5 – 2421.5 MHz (WiFi Ch.1)
2407.5 – 2426.5 MHz (WiFi Ch.2)
2412.5 – 2471.5 MHz (WiFi Ch.3-11)
2457.5 – 2476.5 MHz (WiFi Ch.12)
2462.5 – 2481.5 MHz (WiFi Ch.13)
-
1.7
1.5
1.5
1.6
1.7
2.2
2.0
1.9
2.1
2.2
dB
Amplitude Variation
2402.5 – 2421.5 MHz (WiFi Ch.1)
2407.5 – 2426.5 MHz (WiFi Ch.2)
2412.5 – 2471.5 MHz (WiFi Ch.3-11)
2457.5 – 2476.5 MHz (WiFi Ch.12)
2462.5 – 2481.5 MHz (WiFi Ch.13)
-
0.8
0.8
0.9
0.4
0.6
1.5
1.1
1.1
1.0
1.6
dB
Input/Output VSWR
2402.5 – 2481.5 MHz (WiFi Ch.1-13)
-
1.9
2.2
-
Impulse Response Length
(4)
2401 – 2483 MHz
-
160
200
ns
Attenuation
100 – 2300 MHz
35
37
-
dB
2300 – 2365 MHz
(5)
48
53
-
dB
2365 – 2370 MHz
(5)
54
58
-
dB
2370 – 2375 MHz (+25 to +70˚C)
(5)
2370 – 2375 MHz (0 to +25˚C)
(5)
46
56
61
61
-
dB
2375 – 2380 MHz (+25 to +70˚C)
(5)
2375 – 2380 MHz (0 to +25˚C)
(5)
27
34
49
49
-
dB
2500 – 2505 MHz (+25 to +70˚C)
(5)
2500 – 2505 MHz (0 to +25˚C)
(5)
29
26
41
41
-
dB
2505 – 2570 MHz (+25 to +70˚C)
(5)
2505 – 2570 MHz (0 to +25˚C)
(5)
49
40
55
55
-
dB
2570 – 2620 MHz
(5)
45
48
-
dB
2620 – 2690 MHz
(5)
44
46
-
dB
4800 – 5000 MHz
38
43
-
dB
7200 – 7500 MHz
36
40
-
dB
2
nd Harmonics
CW Tone = 2442 MHz @ 22.5 dBm
-
60
-
dBc
3
rd Harmonics
CW Tone = 2442 MHz @ 22.5 dBm
-
138
-
dBc
Notes:
1.
In production, devices will be tested at room temperature to a guard-banded specification to ensure electrical
compliance over temperature.
2.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances.
3.
Data is the integrated value of the linear s-parameter over the indicated band at the specified temperature.
4.
Duration in ns between the maxima and the point 40 dB below the maxima.
5.
Data is the integrated value of the linear s-parameter over 5 MHz range at the specified temperature.
6.
An external impedance matching network with ±2 % tolerance will be necessary to achieve the stated specifications.
7.
This is the optimum impedance in order to achieve the performance shown.


Similar Part No. - 885062_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
885067 TRIQUINT-885067 Datasheet
64Kb / 1P
   2.4GHz WLAN/BT LTE Co-Existence Filter
logo
Qorvo, Inc
885067 QORVO-885067 Datasheet
453Kb / 7P
   2.4GHz WLAN/BT LTE Co-Existence Filter
logo
TriQuint Semiconductor
885067-EVB TRIQUINT-885067-EVB Datasheet
64Kb / 1P
   2.4GHz WLAN/BT LTE Co-Existence Filter
logo
Qorvo, Inc
885067-EVB QORVO-885067-EVB Datasheet
453Kb / 7P
   2.4GHz WLAN/BT LTE Co-Existence Filter
logo
TriQuint Semiconductor
885067 TRIQUINT-885067_15 Datasheet
64Kb / 1P
   2.4GHz WLAN/BT LTE Co-Existence Filter
More results

Similar Description - 885062_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
885071 TRIQUINT-885071_15 Datasheet
87Kb / 1P
   2.4 GHz WLAN/BT LTE Co-Existence Filter
logo
Qorvo, Inc
885071 QORVO-885071 Datasheet
368Kb / 8P
   2.4 GHz WLAN/BT LTE Co-Existence Filter
logo
TriQuint Semiconductor
885032 TRIQUINT-885032_15 Datasheet
71Kb / 1P
   2.4GHz WLAN/BT LTE Co-Existence Filter
885033 TRIQUINT-885033_15 Datasheet
215Kb / 6P
   2.4GHz WLAN/BT LTE Co-Existence Filter
885067 TRIQUINT-885067_15 Datasheet
64Kb / 1P
   2.4GHz WLAN/BT LTE Co-Existence Filter
logo
Qorvo, Inc
885067 QORVO-885067 Datasheet
453Kb / 7P
   2.4GHz WLAN/BT LTE Co-Existence Filter
logo
TriQuint Semiconductor
885071-A TRIQUINT-885071-A Datasheet
1,005Kb / 8P
   2.4 GHz WLAN/BTLTE Co-Existence Filter
logo
Qorvo, Inc
QPQ1907 QORVO-QPQ1907 Datasheet
418Kb / 9P
   2.4GHz Wi-Fi/BT/LTE Co-Existence BAW Filter
logo
Skyworks Solutions Inc.
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
   2.4-2.5 GHz WLAN Power Amplifier
SKY65152-11 SKYWORKS-SKY65152-11 Datasheet
206Kb / 14P
   2.4-2.5 GHz WLAN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com