Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

885075-EVB Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 885075-EVB
Description  2300-2400 MHz Tx/Rx Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

885075-EVB Datasheet(HTML) 2 Page - TriQuint Semiconductor

  885075-EVB Datasheet HTML 1Page - TriQuint Semiconductor 885075-EVB Datasheet HTML 2Page - TriQuint Semiconductor 885075-EVB Datasheet HTML 3Page - TriQuint Semiconductor 885075-EVB Datasheet HTML 4Page - TriQuint Semiconductor 885075-EVB Datasheet HTML 5Page - TriQuint Semiconductor 885075-EVB Datasheet HTML 6Page - TriQuint Semiconductor 885075-EVB Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
885075
2300-2400 MHz Tx/Rx Filter
Preliminary Datasheet: Rev. C 02-13-15
-
2 of 7 -
Disclaimer: Subject to change without notice
© 2015 TriQuint
www.triquint.com
Absolute Maximum Ratings
Parameter
Rating
Operable Temperature
−20 to +90 °C
Storage Temperature
−40 to +90 °C
RF Input Power (pin 1) CW, +55 °C for 5K hours
+29 dBm
Peak RF Input Power (pin 1), max duration of 0.5 sec.
+37 dBm
Notes:
1. Operation of this device outside the parameter ranges given may cause
permanent damage.
Electrical Specifications
(1)
Parameter
Conditions
Min
Typ
Max
Unit
Insertion Loss
2300 – 2395 MHz
-
1.2
(2)
2.6
dB
2300 – 2395 MHz Integrated over 5 MHz
2.2
dB
2395 – 2400 MHz
-
2.0
(2)
3.0
dB
VSWR (ANT)
2300 – 2400 MHz
-
1.4:1
2.0:1
VSWR (TX)
2300 – 2400 MHz
-
1.4:1
1.8:1
Passband Ripple
2300 – 2400 MHz
-
1.1
1.7
dB
Attenuation
10 – 1574 MHz
31
34
-
dB
1574 – 1577 MHz
31
36
-
dB
1577 – 1680 MHz
31
30
-
dB
1845 – 1880 MHz
27
29.5
-
dB
2110 – 2170 MHz
25
26
-
dB
2460 – 2500 MHz
36
46
-
dB
4600 – 4800 MHz
30
34
-
dB
6900 – 7200 MHz
30
39
-
dB
WiFi Channels 5
(3)
34
46
-
dB
WiFi Channels 6 – 13
(3)
40
51
-
dB
2422 – 7200 MHz
(3)
20
-
dB
H2
2300 – 2400 MHz
(4)
-35
dBm
Notes:
1. All specifications are based on the TriQuint schematic for the main reference design shown on page 3. Min/max is being
specified over
2. Typical values are derived through integration of the linear s-parameter over the indicated band at +25 ºC.
3. Integration of linear s-parameters over an 18MHz sliding frequency span.
4. H2 is measured for Pin=28 dBm (CW) at room temperature.


Similar Part No. - 885075-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
885070 TRIQUINT-885070 Datasheet
223Kb / 1P
   2437 MHz BAW Filter
logo
Qorvo, Inc
885070 QORVO-885070 Datasheet
252Kb / 1P
   2437 MHz BAW Filter
logo
TriQuint Semiconductor
885070-EVB TRIQUINT-885070-EVB Datasheet
223Kb / 1P
   2437 MHz BAW Filter
logo
Qorvo, Inc
885070-EVB QORVO-885070-EVB Datasheet
252Kb / 1P
   2437 MHz BAW Filter
logo
TriQuint Semiconductor
885070 TRIQUINT-885070_15 Datasheet
223Kb / 1P
   2437 MHz BAW Filter
More results

Similar Description - 885075-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
885049 TRIQUINT-885049_15 Datasheet
243Kb / 1P
   2300-2400 MHz Tx/Rx Filter
logo
Qorvo, Inc
QPQ1040Q QORVO-QPQ1040Q Datasheet
730Kb / 11P
   2300-2400 MHz TX/RX Filter
logo
WALSIN TECHNOLOGY CORPO...
SF14112350B4001T WALSIN-SF14112350B4001T Datasheet
647Kb / 8P
   2300~2400 MHz Band Working Frequency
SF11092350B4005T WALSIN-SF11092350B4005T Datasheet
1Mb / 8P
   2300~2400 MHz Band Working Frequency
SF11092350B4004T WALSIN-SF11092350B4004T Datasheet
1Mb / 8P
   2300~2400 MHz Band Working Frequency
logo
Tyco Electronics
PA1159 MACOM-PA1159 Datasheet
61Kb / 1P
   2300-2400 MHz. Ultra Linear Power Amplifier
logo
Qorvo, Inc
QPQ1041Q QORVO-QPQ1041Q Datasheet
879Kb / 12P
   B41W Tx/Rx Filter
logo
KR Electronics, Inc.
3300-200 KR-3300-200 Datasheet
71Kb / 3P
   2300 MHz Bandpass Filter
logo
Renesas Technology Corp
F1455 RENESAS-F1455 Datasheet
4Mb / 28P
   TX Digital VGA 1400 MHz to 2300 MHz
logo
Qorvo, Inc
QPQ1290 QORVO-QPQ1290 Datasheet
581Kb / 8P
   Band 41 Tx / Rx Filter
March 5, 2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com