Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7113L-1A-E3 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PS7113L-1A-E3
Description  6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS7113L-1A-E3 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PS7113L-1A-E3 Datasheet HTML 2Page - Renesas Technology Corp PS7113L-1A-E3 Datasheet HTML 3Page - Renesas Technology Corp PS7113L-1A-E3 Datasheet HTML 4Page - Renesas Technology Corp PS7113L-1A-E3 Datasheet HTML 5Page - Renesas Technology Corp PS7113L-1A-E3 Datasheet HTML 6Page - Renesas Technology Corp PS7113L-1A-E3 Datasheet HTML 7Page - Renesas Technology Corp PS7113L-1A-E3 Datasheet HTML 8Page - Renesas Technology Corp PS7113L-1A-E3 Datasheet HTML 9Page - Renesas Technology Corp PS7113L-1A-E3 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet PN10269EJ02V0DS
4
PS7113-1A,-2A,PS7113L-1A,-2A
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application Part
Number
*1
PS7113-1A
PS7113-1A-A
Pb-Free
Magazine case 50 pcs
Standard products PS7113-1A
PS7113L-1A
PS7113L-1A-A
(UL, BSI, CSA
PS7113L-1A-E3
PS7113L-1A-E3-A
Embossed Tape 1 000 pcs/reel
approved)
PS7113L-1A-E4
PS7113L-1A-E4-A
PS7113-2A
PS7113-2A-A
Magazine case 50 pcs
PS7113-2A
PS7113L-2A
PS7113L-2A-A
PS7113L-2A-E3
PS7113L-2A-E3-A
Embossed Tape 1 000 pcs/reel
PS7113L-2A-E4
PS7113L-2A-E4-A
*1 For the application of the Safety Standard, following part number should be used.
<R>


Similar Part No. - PS7113L-1A-E3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7113L-1A-E3 NEC-PS7113L-1A-E3 Datasheet
82Kb / 12P
   6, 8-PIN DIP, 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7113L-1A-E3 CEL-PS7113L-1A-E3 Datasheet
209Kb / 14P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7113L-1A-E3 RENESAS-PS7113L-1A-E3 Datasheet
234Kb / 16P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT
logo
California Eastern Labs
PS7113L-1A-E3-A CEL-PS7113L-1A-E3-A Datasheet
209Kb / 14P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7113L-1A-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7113-1A CEL-PS7113-1A Datasheet
209Kb / 14P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
PS7113L-2A-A CEL-PS7113L-2A-A Datasheet
209Kb / 14P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
NEC
PS7113-1A NEC-PS7113-1A Datasheet
82Kb / 12P
   6, 8-PIN DIP, 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
PS7122-1A NEC-PS7122-1A Datasheet
81Kb / 12P
   6, 8-PIN DIP, 200 V BREAK DOWN VOLTAGE 1-ch, 2-ch Optical Coupled MOS FET
PS7112-1A NEC-PS7112-1A Datasheet
74Kb / 12P
   6-PIN DIP, 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS7111-2A NEC-PS7111-2A Datasheet
71Kb / 12P
   8-PIN DIP, 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7113-1A RENESAS-PS7113-1A Datasheet
234Kb / 16P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT
logo
California Eastern Labs
PS7160-1A CEL-PS7160-1A Datasheet
350Kb / 11P
   6-PIN DIP, 600 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7142-1A CEL-PS7142-1A_06 Datasheet
465Kb / 11P
   6-PIN DIP 400 V BREAK DOWN VOLTAGE 1-CH OPTICAL COUPLED MOS FET
logo
NEC
PS7160-2A NEC-PS7160-2A Datasheet
72Kb / 6P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com