Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSMD8P10 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # KSMD8P10
Description  100V P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSMD8P10 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  KSMD8P10 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSMD8P10 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSMD8P10 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSMD8P10 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSMD8P10 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSMD8P10 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KSMD8P10TM_F085
100V P-Channel MOSFET
General Description
These P-Channel enhancement mode power field effect
transistors are produced using Kersemi proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for low voltage applications such as audio amplifier,
high efficiency switching DC/DC converters, and DC motor
control.
Features
• -6.6A, -100V, RDS(on) = 0.53Ω @VGS = -10 V
• Low gate charge ( typical 12 nC)
• Low Crss ( typical 30 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings TC = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
-100
V
ID
Drain Current
- Continuous (TC = 25°C)
-6.6
A
- Continuous (TC = 100°C)
-4.2
A
IDM
Drain Current
- Pulsed
(Note 1)
-26.4
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
150
mJ
IAR
Avalanche Current
(Note 1)
-6.6
A
EAR
Repetitive Avalanche Energy
(Note 1)
4.4
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
-6.0
V/ns
PD
Power Dissipation (TA = 25°C) *
2.5
W
Power Dissipation (TC = 25°C)
44
W
- Derate above 25°C
0.35
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
2.84
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient *
--
50
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
110
°C/W
S
D
G
• Qualified to AEC Q101
• RoHS Compliant
TO-252
2014-7-3
1
www.kersemi.com


Similar Part No. - KSMD8P10

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMD8P10TM_F085 KERSEMI-KSMD8P10TM_F085 Datasheet
995Kb / 6P
   100V P-Channel MOSFET
More results

Similar Description - KSMD8P10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF12P10 FAIRCHILD-FQPF12P10 Datasheet
631Kb / 8P
   100V P-Channel MOSFET
FQAF17P10 FAIRCHILD-FQAF17P10 Datasheet
667Kb / 8P
   100V P-Channel MOSFET
FQD12P10TMF085 FAIRCHILD-FQD12P10TMF085 Datasheet
883Kb / 8P
   100V P-Channel MOSFET
logo
Unisonic Technologies
12P10 UTC-12P10 Datasheet
256Kb / 7P
   100V P-CHANNEL MOSFET
logo
Guangdong Kexin Industr...
KQD5P10 KEXIN-KQD5P10 Datasheet
63Kb / 2P
   100V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM22P10 KERSEMI-KSM22P10 Datasheet
1Mb / 6P
   100V P-Channel MOSFET
KSMD8P10TM_F085 KERSEMI-KSMD8P10TM_F085 Datasheet
995Kb / 6P
   100V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB5P10TM FAIRCHILD-FQB5P10TM Datasheet
680Kb / 9P
   100V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD5P10 KERSEMI-KSMD5P10 Datasheet
1Mb / 8P
   100V P-Channel MOSFET
logo
Fairchild Semiconductor
FQA17P10 FAIRCHILD-FQA17P10 Datasheet
676Kb / 8P
   100V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com