Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS8101-F4 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS8101-F4
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8101-F4 Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS8101-F4 Datasheet HTML 1Page - Renesas Technology Corp PS8101-F4 Datasheet HTML 2Page - Renesas Technology Corp PS8101-F4 Datasheet HTML 3Page - Renesas Technology Corp PS8101-F4 Datasheet HTML 4Page - Renesas Technology Corp PS8101-F4 Datasheet HTML 5Page - Renesas Technology Corp PS8101-F4 Datasheet HTML 6Page - Renesas Technology Corp PS8101-F4 Datasheet HTML 7Page - Renesas Technology Corp PS8101-F4 Datasheet HTML 8Page - Renesas Technology Corp PS8101-F4 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet PN10260EJ06V0DS
5
PS8101
*2 Test circuit for propagation delay time
Pulse input
47
Ω
(Pulse width = 100 s,
Duty cycle = 1/10)
μ
RL = 2.2 k
Ω
VO (Monitor)
VCC = 5 V
Input
(Monitor)
0.1 F
μ
CL = 15 pF
Input
Output
50%
1.5 V
5 V
VOL
tPHL
tPLH
CL is approximately 15 pF which includes probe and stray wiring capacitance.
*3 Test circuit for common mode transient immunity
IF
RL = 4.1 k
Ω
VO (Monitor)
VCC = 5 V
0.1 F
μ
VCM
90%
10%
1.5 kV
0 V
5 V
2 V
0.8 V
VOL
VCM
VO
(IF = 0 mA)
VO
(IF = 16 mA)
tr
tf
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static
electricity when handling.
2. By-pass capacitor of 0.1
μF is used between VCC and GND near device. Also, ensure that the distance between
the leads of the photocoupler and capacitor is no more than 10 mm.
3. Avoid storage at a high temperature and high humidity.


Similar Part No. - PS8101-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS8101-F4 NEC-PS8101-F4 Datasheet
101Kb / 3P
   NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8101-F4 NEC-PS8101-F4 Datasheet
126Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS8101-F4 CEL-PS8101-F4 Datasheet
209Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS8101-F4 RENESAS-PS8101-F4 Datasheet
250Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE
logo
California Eastern Labs
PS8101-F4 CEL-PS8101-F4 Datasheet
429Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results

Similar Description - PS8101-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS8101 NEC-PS8101_1 Datasheet
126Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS8101 CEL-PS8101_16 Datasheet
429Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS8101 CEL-PS8101 Datasheet
209Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9115 RENESAS-PS9115 Datasheet
304Kb / 16P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
April 1st, 2010
PS9123 RENESAS-PS9123 Datasheet
221Kb / 9P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9123 CEL-PS9123 Datasheet
529Kb / 14P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9123_15 RENESAS-PS9123_15_15 Datasheet
160Kb / 15P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS9115 NEC-PS9115_1 Datasheet
143Kb / 14P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9117 CEL-PS9117 Datasheet
412Kb / 13P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9124_15 RENESAS-PS9124_15_15 Datasheet
450Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com