Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFB38N20D Datasheet(PDF) 7 Page - International Rectifier

Part # IRFB38N20D
Description  Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB38N20D Datasheet(HTML) 7 Page - International Rectifier

Back Button IRFB38N20D Datasheet HTML 3Page - International Rectifier IRFB38N20D Datasheet HTML 4Page - International Rectifier IRFB38N20D Datasheet HTML 5Page - International Rectifier IRFB38N20D Datasheet HTML 6Page - International Rectifier IRFB38N20D Datasheet HTML 7Page - International Rectifier IRFB38N20D Datasheet HTML 8Page - International Rectifier IRFB38N20D Datasheet HTML 9Page - International Rectifier IRFB38N20D Datasheet HTML 10Page - International Rectifier IRFB38N20D Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IRFB/IRFS/IRFSL38N20D
www.irf.com
7
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
Fig 14. For N-Channel HEXFET® Power MOSFETs
* VGS = 5V for Logic Level Devices
Peak Diode Recovery dv/dt Test Circuit
ƒ
„
‚
RG
VDD
• dv/dt controlled by R
G
• Driver same type as D.U.T.
• I
SD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

*


Similar Part No. - IRFB38N20D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFB38N20D ISC-IRFB38N20D Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFB38N20DPBF IRF-IRFB38N20DPBF Datasheet
275Kb / 11P
   HEXFET Power MOSFET
IRFB38N20DPBF IRF-IRFB38N20DPBF Datasheet
715Kb / 11P
   HEXFET Power MOSFET
logo
Infineon Technologies A...
IRFB38N20DPBF INFINEON-IRFB38N20DPBF Datasheet
589Kb / 12P
   HEXFET짰 Power MOSFET
2016-5-31
More results

Similar Description - IRFB38N20D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB42N20D IRF-IRFB42N20D Datasheet
215Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.055ohm, Id=44A)
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRFBA90N20D IRF-IRFBA90N20D Datasheet
98Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=98A??
IRFR13N20D IRF-IRFR13N20D Datasheet
181Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)max=0.235ohm, Id=13A)
IRFB31N20D IRF-IRFB31N20D Datasheet
190Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.082ohm, Id=31A)
IRF7464 IRF-IRF7464 Datasheet
168Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.73ohm, Id=1.2A)
IRFP90N20D IRF-IRFP90N20D Datasheet
89Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=94A??
IRFR9N20D IRF-IRFR9N20D Datasheet
126Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)max=0.38ohm, Id=9.4A)
IRFB17N20D IRF-IRFB17N20D Datasheet
194Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.17ohm, Id=16A)
IRFB260N IRF-IRFB260N Datasheet
90Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.040ohm, Id=56A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com