Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B0720081 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B0720081
Description  NetCommander 8-Port Cat5 KVM Switch 1U Rack-Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B0720081 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B0720081 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B0720081 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NetCommander 8-Port Cat5 KVM Switch 1U
Rack-Mount
MODEL NUMBER: B072-008-1
Description
Tripp Lite's 8-Port NetCommander 1U Rackmount Cat5 KVM Switch, is the next generation of our cost-effective,
feature rich, KVM switches. It's sleek, 1U design and compact size, features RJ45 connection ports that utilize
inexpensive Cat5 patch cables, reducing the amount of cable clutter normally found with traditional KVM cabling.
Easily switch between CPU's with Push Buttons, Hot-Key commands, or built-in On Screen Display (OSD) menu
function. Cascadability allows connection to up to 128 computers. Compatible with PS/2 and USB computers,
VGA, SVGA, or XGA monitors, as well as all major operating systems. Constructed of heavy-duty steel housing.
Features
Expandable - Cascade a second level of KVM switches to control up to 128 servers from a single station
Extend distance: between computer and switch up to 30 meters/100 ft.
Rack mountable: sleek, 1U space saving KVM switches
Innovative CAT5 technology: eliminate cable clutter at the rack
Multi-layer security: protects your corporate data
Easy server management: choice of On Screen Display, Hot-key,or push button control
Multi-platform: PS/2 and USB support
Easily add IP functionality with Tripp Lite Model B051-000
Add Tripp Lite Model B021-000-17 for space saving, in-the-rack, LCD, Keyboard and Mouse
Compact Size: 17"W x 5"D x 1.75"H
Video Resolution: 1600x1200@75Hz
Internal Power Supply
Compatible with all major operating systems
Constructed of heavy-duty steel housing
Specifications
Highlights
8 RJ45 Ports utilize inexpensive
Cat5 patch cables
Expandable - Cascade a second
level of KVM switches to control
up to 128 servers from a single
station
Compatible with all major
operating systems
System Requirements
Computers: The Tripp Lite
B078-101-PS2, or
B078-101-USB-1 Server
Interface Module must be used to
connect a server to the server
ports on the KVM switch.
Compatible with all major
operating systems
Package Includes
8-Port NetCommander 1U
Rackmount Cat5 KVM Switch
6ft Power Cord
6ft Firmware Upgrade Cable
Rackmount Bracket kit
1 / 2


Similar Part No. - B0720081

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B0720081IP TRIPPLITE-B0720081IP Datasheet
495Kb / 3P
   NetCommander 8-Port Cat5 IP KVM Switch 1U Rack-Mount 1plus1 User
More results

Similar Description - B0720081

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B072-008-1 TRIPPLITE-B072-008-1 Datasheet
155Kb / 4P
   NetCommander 8-Port Cat5 KVM Switch 1U Rack-Mount
B072-016-1 TRIPPLITE-B072-016-1 Datasheet
156Kb / 4P
   NetCommander 16-Port Cat5 KVM Switch 1U Rack-Mount
logo
List of Unclassifed Man...
B072-008-1 ETC2-B072-008-1 Datasheet
478Kb / 4P
   8-Port NetCommander 1U Rackmount Cat5 KVM Switch
logo
Tripp Lite. All Rights ...
B072-008-1-IP TRIPPLITE-B072-008-1-IP Datasheet
496Kb / 4P
   NetCommander 8-Port Cat5 IP KVM Switch 1U Rack-Mount 1plus1 User
B0720081IP TRIPPLITE-B0720081IP Datasheet
495Kb / 3P
   NetCommander 8-Port Cat5 IP KVM Switch 1U Rack-Mount 1plus1 User
B072016IP2 TRIPPLITE-B072016IP2 Datasheet
486Kb / 3P
   NetCommander 16-Port Cat5 IP KVM Switch 1U Rack-Mount 2plus1 User
B072-016-IP2 TRIPPLITE-B072-016-IP2 Datasheet
485Kb / 3P
   NetCommander 16-Port Cat5 IP KVM Switch 1U Rack-Mount 2plus1 User
B072-016-IP4 TRIPPLITE-B072-016-IP4 Datasheet
485Kb / 3P
   NetCommander 16-Port Cat5 IP KVM Switch 1U Rack-Mount 4plus1 User
B072-032-IP2 TRIPPLITE-B072-032-IP2 Datasheet
486Kb / 3P
   NetCommander 32-Port Cat5 IP KVM Switch 1U Rack-Mount 2plus1 User
B070-008-19 TRIPPLITE-B070-008-19 Datasheet
531Kb / 4P
   NetCommander 8-Port Cat5 1U Rack-Mount Console KVM Switch with 19-in. LCD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com