Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD5713TK Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PD5713TK
Description  WIDE BAND SPDT SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD5713TK Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PD5713TK Datasheet HTML 3Page - Renesas Technology Corp PD5713TK Datasheet HTML 4Page - Renesas Technology Corp PD5713TK Datasheet HTML 5Page - Renesas Technology Corp PD5713TK Datasheet HTML 6Page - Renesas Technology Corp PD5713TK Datasheet HTML 7Page - Renesas Technology Corp PD5713TK Datasheet HTML 8Page - Renesas Technology Corp PD5713TK Datasheet HTML 9Page - Renesas Technology Corp PD5713TK Datasheet HTML 10Page - Renesas Technology Corp PD5713TK Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet PU10627EJ01V0DS
7
μPD5713TK
40
30
10
20
0
–10
–30
–40
–60
0
1.0
2.0
3.0
–20
–50
0.5
1.5
2.5
2
1
3
4
5
1: –23.6 dB
0.5 GHz
2: –22.4 dB
1.0 GHz
3: –19.0 dB
1.5 GHz
4: –19.4 dB
2.0 GHz
5: –18.5 dB
2.5 GHz
+35
+30
+20
+25
+15
+10
+5
+5
+15
+25
+35
+10
+20
+30
f = 1 GHz
40
30
10
20
0
–10
–30
–40
–60
0
1.0
2.0
3.0
–20
–50
0.5
1.5
2.5
2
1
3
4
5
1: –24.4 dB
0.5 GHz
2: –22.9 dB
1.0 GHz
3: –20.0 dB
1.5 GHz
4: –20.6 dB
2.0 GHz
5: –19.4 dB
2.5 GHz
INPUT–OUTPUT1
OUTPUT RETURN LOSS vs. FREQUENCY
Frequency f (MHz)
INPUT–OUTPUT2
OUTPUT RETURN LOSS vs. FREQUENCY
Frequency f (MHz)
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
Remark The graphs indicate nominal characteristics.


Similar Part No. - PD5713TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD5716GR RENESAS-PD5716GR Datasheet
303Kb / 16P
   CMOS MMIC 4 x 2 IF SWITCH MATRIX
More results

Similar Description - PD5713TK

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPD5713TK CEL-UPD5713TK Datasheet
180Kb / 7P
   WIDE BAND SPDT SWITCH
logo
NEC
UPD5713TK NEC-UPD5713TK Datasheet
104Kb / 12P
   WIDE BAND SPDT SWITCH
logo
California Eastern Labs
UPD5713TK-A CEL-UPD5713TK-A Datasheet
468Kb / 10P
   WIDE BAND SPDT SWITCH
UPD5713TK CEL-UPD5713TK_1 Datasheet
192Kb / 11P
   WIDE BAND SPDT SWITCH
UPD5713TK CEL-UPD5713TK_09 Datasheet
468Kb / 10P
   WIDE BAND SPDT SWITCH
UPD5713TK CEL-UPD5713TK_12 Datasheet
587Kb / 11P
   WIDE BAND SPDT SWITCH
logo
Filtronic Compound Semi...
FMS2031-001 FILTRONIC-FMS2031-001 Datasheet
248Kb / 7P
   10 Watt GaAs Wide Band SPDT Switch
FMS2020 FILTRONIC-FMS2020 Datasheet
214Kb / 4P
   GaAs Multi-Purpose Wide Band SPDT Switch
FMS2020QFN FILTRONIC-FMS2020QFN Datasheet
181Kb / 6P
   GaAs Multi-Purpose Wide Band SPDT Switch
logo
NEC
UPD5710TK NEC-UPD5710TK Datasheet
452Kb / 9P
   NECs WIDE BAND SINGLE CONTROL CMOS SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com