Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE55410GR Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NE55410GR
Description  N-CHANNEL SILICON POWER LDMOS FET FOR 2 W 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE55410GR Datasheet(HTML) 3 Page - Renesas Technology Corp

  NE55410GR Datasheet HTML 1Page - Renesas Technology Corp NE55410GR Datasheet HTML 2Page - Renesas Technology Corp NE55410GR Datasheet HTML 3Page - Renesas Technology Corp NE55410GR Datasheet HTML 4Page - Renesas Technology Corp NE55410GR Datasheet HTML 5Page - Renesas Technology Corp NE55410GR Datasheet HTML 6Page - Renesas Technology Corp NE55410GR Datasheet HTML 7Page - Renesas Technology Corp NE55410GR Datasheet HTML 8Page - Renesas Technology Corp NE55410GR Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2004, 2007
DESCRIPTION
The NE55410GR is an N-channel enhancement-mode LDMOS FET designed for driver 0.1 to 2.6 GHz PA, such
as, cellular base station amplifier, analog/digital TV-transmitters, and the other PA’s. This product has two different
FET's on one die manufactured using our NEWMOS technology (our WSi gate lateral MOS FET), and its nitride
surface passivation and quadruple layer aluminum silicon metalization offer a high degree of reliability.
FEATURES
• Two different FET’s (Q1 : Pout = 2 W, Q2 : Pout = 10 W) in one package
• Over 25 dB gain available by connecting two FET’s in series
: GL (Q1) = 13.5 dB TYP. (VDS = 28 V, IDset (Q1) = 20 mA, f = 2 140 MHz)
: GL (Q2) = 11.0 dB TYP. (VDS = 28 V, IDset (Q2) = 100 mA, f = 2 140 MHz)
• High 1 dB compression output power : PO (1 dB) (Q1) = 35.4 dBm TYP. (VDS = 28 V, IDset (Q1) = 20 mA, f = 2 140 MHz)
: PO (1 dB) (Q2) = 40.4 dBm TYP. (VDS = 28 V, IDset (Q2) = 100 mA, f = 2 140 MHz)
• High drain efficiency
:
ηd (Q1) = 52% TYP. (VDS = 28 V, IDset (Q1) = 20 mA, f = 2 140 MHz)
:
ηd (Q2) = 46% TYP. (VDS = 28 V, IDset (Q2) = 100 mA, f = 2 140 MHz)
• Low intermodulation distortion
: IM3 (Q1) =
−40 dBc TYP. (VDS = 28 V, IDset (Q1+Q2) = 120 mA,
f = 2 132.5/2 147.5 MHz, Pout = 33 dBm (2 tones) )
• Single Supply (VDS : 3 V
< VDS ≤ 32 V)
• Excellent Thermal Stability
• Surface mount type and Super low cost plastic package : 16-pin plastic HTSSOP
• Integrated ESD protection
• Excellent stability against HCI (Hot Carrier Injection)
APPLICATION
• Digital cellular base station PA : W-CDMA/GSM/D-AMPS/N-CDMA/PCS etc.
• UHF-band TV transmitter PA
<R>
<R>
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
LDMOS FIELD EFFECT TRANSISTOR
NE55410GR
N-CHANNEL SILICON POWER LDMOS FET
FOR 2 W + 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER
Document No. PU10542EJ03V0DS (3rd edition)
Date Published January 2007 NS CP(N)
Printed in Japan


Similar Part No. - NE55410GR

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE55410GR CEL-NE55410GR Datasheet
558Kb / 13P
   N-CHANNEL SILICON POWER LDMOS FET FOR 2 W 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER
logo
NEC
NE55410GR NEC-NE55410GR Datasheet
186Kb / 13P
   N-CHANNEL SILICON POWER LDMOS FET FOR 2 W 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER
logo
California Eastern Labs
NE55410GR-T3-AZ CEL-NE55410GR-T3-AZ Datasheet
558Kb / 13P
   N-CHANNEL SILICON POWER LDMOS FET FOR 2 W 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER
logo
NEC
NE55410GR-T3-AZ NEC-NE55410GR-T3-AZ Datasheet
186Kb / 13P
   N-CHANNEL SILICON POWER LDMOS FET FOR 2 W 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER
logo
California Eastern Labs
NE55410GR CEL-NE55410GR_07 Datasheet
580Kb / 14P
   N-CHANNEL SILICON POWER LDMOS FET FOR 2 W 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER
More results

Similar Description - NE55410GR

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE55410GR CEL-NE55410GR_07 Datasheet
580Kb / 14P
   N-CHANNEL SILICON POWER LDMOS FET FOR 2 W 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER
logo
NEC
NE55410GR NEC-NE55410GR Datasheet
186Kb / 13P
   N-CHANNEL SILICON POWER LDMOS FET FOR 2 W 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER
logo
California Eastern Labs
NE55410GR CEL-NE55410GR Datasheet
558Kb / 13P
   N-CHANNEL SILICON POWER LDMOS FET FOR 2 W 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER
logo
Renesas Technology Corp
NES1823S-45 RENESAS-NES1823S-45 Datasheet
239Kb / 10P
   GaAs FET 45 W L, S-BAND SINGLE-END POWER GaAs FET
2004
NES1823S-90 RENESAS-NES1823S-90 Datasheet
242Kb / 10P
   GaAs FET 90 W L, S-BAND SINGLE-END POWER GaAs FET
2004
logo
NEC
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Sanyo Semicon Device
LA4278 SANYO-LA4278 Datasheet
74Kb / 6P
   10 W 2-Channel Power Amplifier
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NE5531079A RENESAS-NE5531079A Datasheet
240Kb / 11P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
logo
California Eastern Labs
NE5531079A CEL-NE5531079A Datasheet
382Kb / 8P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com