Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFB52N15 Datasheet(PDF) 4 Page - International Rectifier

Part # IRFB52N15
Description  Power MOSFET(Vdss=150V, Rds(on)max=0.032ohm, Id=50A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB52N15 Datasheet(HTML) 4 Page - International Rectifier

  IRFB52N15 Datasheet HTML 1Page - International Rectifier IRFB52N15 Datasheet HTML 2Page - International Rectifier IRFB52N15 Datasheet HTML 3Page - International Rectifier IRFB52N15 Datasheet HTML 4Page - International Rectifier IRFB52N15 Datasheet HTML 5Page - International Rectifier IRFB52N15 Datasheet HTML 6Page - International Rectifier IRFB52N15 Datasheet HTML 7Page - International Rectifier IRFB52N15 Datasheet HTML 8Page - International Rectifier IRFB52N15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IRFB/IRFS/IRFSL52N15D
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
100000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds+ Cgd
0
20
40
60
80
100
0
2
5
7
10
12
Q , Total Gate Charge (nC)
G

I
=
D
36A

V
= 30V
DS
V
= 75V
DS
V
= 120V
DS
0.0
0.5
1.0
1.5
2.0
2.5
VSD, Source-toDrain Voltage (V)
0.10
1.00
10.00
100.00
1000.00
TJ = 25°C
TJ = 175°C
VGS = 0V
1
10
100
1000
VDS , Drain-toSource Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec


Similar Part No. - IRFB52N15

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFB52N15D ISC-IRFB52N15D Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFB52N15DPBF IRF-IRFB52N15DPBF Datasheet
345Kb / 12P
   HEXFET Power MOSFET
More results

Similar Description - IRFB52N15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB61N15D IRF-IRFB61N15D Datasheet
211Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)max=0.032ohm, Id=50A)
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRFB23N15D IRF-IRFB23N15D Datasheet
139Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.090ohm, Id=23A)
IRFB33N15D IRF-IRFB33N15D Datasheet
139Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.056ohm, Id=33A)
IRFB41N15D IRF-IRFB41N15D Datasheet
193Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRF7451 IRF-IRF7451 Datasheet
209Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)max=0.09ohm, Id=3.6A)
IRFR13N15D IRF-IRFR13N15D Datasheet
128Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.18ohm, Id=14A)
IRF3315S IRF-IRF3315S Datasheet
197Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)=0.082ohm, Id=21A)
IRF3415 IRF-IRF3415 Datasheet
94Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
IRFPS3815 IRF-IRFPS3815 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.015ohm, Id=105A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com