Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD36L Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SD36L
Description  350W Plastic Encapsulate ESD Protection Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD36L Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SD36L_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD36L_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SD36L
Voltage 36V
350W Plastic Encapsulate ESD Protection Diodes
28-Sep-2012 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTICS CURVES
FIG.1‐Pulse Wave Form 
FIG.2‐Power Derating Curve
FIG.3‐ Peak Pulse Power vs Pulse Time
FIG.4‐Typical Reverse Voltage vs Capacitance


Similar Part No. - SD36L_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SD36L SECOS-SD36L Datasheet
318Kb / 2P
   350W Plastic Encapsulate ESD Protection Diodes
More results

Similar Description - SD36L_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SD36L SECOS-SD36L Datasheet
318Kb / 2P
   350W Plastic Encapsulate ESD Protection Diodes
SD36 SECOS-SD36 Datasheet
332Kb / 2P
   350W Plastic Encapsulate ESD Protection Diodes
SDL03 SECOS-SDL03_15 Datasheet
265Kb / 3P
   350W Plastic Encapsulate ESD Protection Diodes
SDL03 SECOS-SDL03 Datasheet
212Kb / 3P
   350W Plastic Encapsulate ESD Protection Diodes
STESD12 SECOS-STESD12_15 Datasheet
137Kb / 2P
   Plastic Encapsulate ESD Protection Diodes
SNESD05C SECOS-SNESD05C_16 Datasheet
184Kb / 3P
   Plastic Encapsulate ESD Protection Diodes
STESD12-C SECOS-STESD12-C Datasheet
118Kb / 2P
   Plastic Encapsulate ESD Protection Diodes
STESD05C-C SECOS-STESD05C-C Datasheet
100Kb / 2P
   Plastic Encapsulate ESD Protection Diodes
STESD12 SECOS-STESD12 Datasheet
142Kb / 2P
   Plastic Encapsulate ESD Protection Diodes
STESD07 SECOS-STESD07 Datasheet
142Kb / 2P
   Plastic Encapsulate ESD Protection Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com