Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21322MNSP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F21322MNSP
Description  RENESAS MCU
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21322MNSP Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F21322MNSP Datasheet HTML 1Page - Renesas Technology Corp R5F21322MNSP Datasheet HTML 2Page - Renesas Technology Corp R5F21322MNSP Datasheet HTML 3Page - Renesas Technology Corp R5F21322MNSP Datasheet HTML 4Page - Renesas Technology Corp R5F21322MNSP Datasheet HTML 5Page - Renesas Technology Corp R5F21322MNSP Datasheet HTML 6Page - Renesas Technology Corp R5F21322MNSP Datasheet HTML 7Page - Renesas Technology Corp R5F21322MNSP Datasheet HTML 8Page - Renesas Technology Corp R5F21322MNSP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
R8C/32M Group
1. Overview
R01DS0024EJ0100 Rev.1.00
Page 3 of 53
Jun 28, 2011
Note:
1. Specify the D version if D version functions are to be used.
Table 1.2
Specifications for R8C/32M Group (2)
Item
Function
Specification
Serial
Interface
UART0
Clock synchronous serial I/O/UART
UART2
Clock synchronous serial I/O/UART, I2C mode (I2C-bus),
multiprocessor communication function
Synchronous Serial
Communication Unit (SSU)
1 (shared with I2C-bus)
I2C bus
1 (shared with SSU)
LIN Module
Hardware LIN: 1 (timer RA, UART0)
A/D Converter
10-bit resolution × 4 channels, includes sample and hold function, with sweep
mode
Comparator A
• 2 circuits (shared with voltage monitor 1 and voltage monitor 2)
• External reference voltage input available
Comparator B
2 circuits
Flash Memory
• Programming and erasure voltage: VCC = 2.7 to 5.5 V
• Programming and erasure endurance: 10,000 times (data flash)
1,000 times (program ROM)
• Program security: ROM code protect, ID code check
• Debug functions: On-chip debug, on-board flash rewrite function
• Background operation (BGO) function
Operating Frequency/Supply
Voltage
f(XIN) = 20 MHz (VCC = 2.7 to 5.5 V)
f(XIN) = 5 MHz (VCC = 1.8 to 5.5 V)
Current consumption
Typ. 6.5 mA (VCC = 5.0 V, f(XIN) = 20 MHz)
Typ. 3.5 mA (VCC = 3.0 V, f(XIN) = 10 MHz)
Typ. 3.5
µA (VCC = 3.0 V, wait mode (f(XCIN) = 32 kHz))
Typ. 2.0
µA (VCC = 3.0 V, stop mode)
Operating Ambient Temperature
-20 to 85
°C (N version)
-40 to 85
°C (D version) (1)
Package
20-pin LSSOP
Package code: PLSP0020JB-A (previous code: 20P2F-A)


Similar Part No. - R5F21322MNSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21322MNSP RENESAS-R5F21322MNSP Datasheet
541Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
More results

Similar Description - R5F21322MNSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com