Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16641N Datasheet(PDF) 2 Page - NEC

Part # UPD16641N
Description  SOURCE DRIVER FOR 240-OUTPUT TFT-LCD 64 GRAY SCALES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16641N Datasheet(HTML) 2 Page - NEC

  UPD16641N Datasheet HTML 1Page - NEC UPD16641N Datasheet HTML 2Page - NEC UPD16641N Datasheet HTML 3Page - NEC UPD16641N Datasheet HTML 4Page - NEC UPD16641N Datasheet HTML 5Page - NEC UPD16641N Datasheet HTML 6Page - NEC UPD16641N Datasheet HTML 7Page - NEC UPD16641N Datasheet HTML 8Page - NEC UPD16641N Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
µµµµPD16641
1. BLOCK DIAGRAM
80-bit bidirectional shift register
C1 C2
C79 C80
STHL
VDD1 (3.3 V)
VSS1
STHR
R/L
CLK
Data register
D00 to 05
D10 to 15
D20 to 25
Latch
STB
D/A converter
VDD2 (3.3/5.0 V)
Vsel
Output buffer
VSS2
S1
S2
S3
S240
V0 to V10


Similar Part No. - UPD16641N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16641N-XXX RENESAS-UPD16641N-XXX Datasheet
322Kb / 21P
   MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD16641N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD16641 RENESAS-PD16641_15 Datasheet
322Kb / 21P
   240-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
PD161830 RENESAS-PD161830_15 Datasheet
371Kb / 26P
   240-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16635 RENESAS-PD16635_15 Datasheet
230Kb / 22P
   240-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64 GRAY SCALES)
PD16647 RENESAS-PD16647_15 Datasheet
241Kb / 18P
   402/384-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
logo
NEC
UPD16772A NEC-UPD16772A Datasheet
122Kb / 5P
   480-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16772A RENESAS-PD16772A_15 Datasheet
256Kb / 22P
   480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
NEC
UPD16715A NEC-UPD16715A Datasheet
120Kb / 16P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16732A NEC-UPD16732A Datasheet
186Kb / 24P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16732D RENESAS-PD16732D_15 Datasheet
298Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
NEC
UPD16716 NEC-UPD16716 Datasheet
155Kb / 20P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com