Electronic Components Datasheet Search |
|
R5F21368CNXXXFP Datasheet(PDF) 11 Page - Renesas Technology Corp |
|
R5F21368CNXXXFP Datasheet(HTML) 11 Page - Renesas Technology Corp |
11 / 62 page R8C/36C Group 1. Overview R01DS0018EJ0110 Rev.1.10 Page 11 of 59 Nov 02, 2010 1.5 Pin Functions Tables 1.7 and 1.8 list Pin Functions. I: Input O: Output I/O: Input and output Note: 1. Refer to the oscillator manufacturer for oscillation characteristics. Table 1.7 Pin Functions (1) Item Pin Name I/O Type Description Power supply input VCC, VSS — Apply 1.8 to 5.5 V to the VCC pin. Apply 0 V to the VSS pin. Analog power supply input AVCC, AVSS — Power supply for the A/D converter. Connect a capacitor between AVCC and AVSS. Reset input RESET I Input “L” on this pin resets the MCU. MODE MODE I Connect this pin to VCC via a resistor. XIN clock input XIN I These pins are provided for XIN clock generation circuit I/O. Connect a ceramic resonator or a crystal oscillator between the XIN and XOUT pins. (1) To use an external clock, input it to the XOUT pin and leave the XIN pin open. XIN clock output XOUT I/O XCIN clock input XCIN I These pins are provided for XCIN clock generation circuit I/O. Connect a crystal oscillator between the XCIN and XCOUT pins. (1) To use an external clock, input it to the XCIN pin and leave the XCOUT pin open. XCIN clock output XCOUT O INT interrupt input INT0 to INT4 I INT interrupt input pins. Key input interrupt KI0 to KI3 I Key input interrupt input pins. Timer RA TRAIO I/O Timer RA I/O pin. TRAO O Timer RA output pin. Timer RB TRBO O Timer RB output pin. Timer RC TRCCLK I External clock input pin. TRCTRG I External trigger input pin. TRCIOA, TRCIOB, TRCIOC, TRCIOD I/O Timer RC I/O pins. Timer RD TRDIOA0, TRDIOA1, TRDIOB0, TRDIOB1, TRDIOC0, TRDIOC1, TRDIOD0, TRDIOD1 I/O Timer RD I/O pins. TRDCLK I External clock input pin. Timer RE TREO O Divided clock output pin. Timer RF TRFO00, TRFO10, TRFO01,TRFO11, TRFO02,TRFO12 O Timer RF output pins. TRFI I Timer RF input pin. Timer RG TRGIOA, TRGIOB I/O Timer RG I/O ports. TRGCLKA, TRGCLKB I External clock input pins. Serial interface CLK0, CLK1, CLK2 I/O Transfer clock I/O pins. RXD0, RXD1, RXD2 I Serial data input pins. TXD0, TXD1, TXD2 O Serial data output pins. CTS2 I Transmission control input pin. RTS2 O Reception control output pin. SCL2 I/O I2C mode clock I/O pin. SDA2 I/O I2C mode data I/O pin. |
Similar Part No. - R5F21368CNXXXFP |
|
Similar Description - R5F21368CNXXXFP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |