Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYD-3021CX-43 Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYD-3021CX-43
Description  0.30 Inch (7.62mm) digit height Double Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYD-3021CX-43 Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYD-3021CX-43 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-3021CX-43 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-3021CX-43 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-3021CX-43 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-3021CX-43 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model No.
Rev.
■ -XX: REF Surface / Epoxy color
1
2
3
○ Black ○ Gray
○ Red
○ White ○ Red
○ Green
■ Mechanical Dimensions
Notes:
1. All pins are Φ0.46.018]mm
2. Dimension in millimeter [inch], tolerance is ±0.25 [.010] and angle is ±1°unless otherwise noted.
3. Bending≤Length*1%.
4.The specifications,characteristics and technical data described in the datasheet are subject to change without prior notice.
Page: 2/5
Model No.:
:FYD-3021C/DX-XX
Color
Number
0
○ Water Clear
REF Surface Color
○ White
Http://www.foryard.com
4
○ Green
○ Yellow
Epoxy Color
FYD-3021C/DX-XX
A


Similar Part No. - FYD-3021CX-43

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYD-3021CX-4 FORYARD-FYD-3021CX-4 Datasheet
330Kb / 4P
   LED DIGIT DISPLAY
More results

Similar Description - FYD-3021CX-43

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYD-3021EX-00 FORYARD-FYD-3021EX-00 Datasheet
335Kb / 5P
   0.30 Inch (7.62mm) digit height Double Digits Display
FYD-3021GX-00 FORYARD-FYD-3021GX-00 Datasheet
336Kb / 5P
   0.30 Inch (7.62mm) digit height Double Digits Display
FYD-3022AX-00 FORYARD-FYD-3022AX-00 Datasheet
342Kb / 5P
   0.30 Inch (7.62mm) digit height Double Digits Display
FYD-3021AX-00 FORYARD-FYD-3021AX-00 Datasheet
341Kb / 5P
   0.30 Inch (7.62mm) digit height Double Digits Display
FYD-3021IX-00 FORYARD-FYD-3021IX-00 Datasheet
336Kb / 5P
   0.3Inch (7.62mm) digit height Double Digits Display
FYT-3031AX-00 FORYARD-FYT-3031AX-00 Datasheet
452Kb / 5P
   0.30 Inch (8.00mm) digit height Three Digits Display
FYLD-5621AX-00 FORYARD-FYLD-5621AX-00 Datasheet
448Kb / 6P
   0.56 Inch (14.22mm) digit height, Double Digits SMD Display
FYS-3011AX-00 FORYARD-FYS-3011AX-00 Datasheet
408Kb / 5P
   0.30 Inch (7.80mm) digit height Single Digit Display
FYS-3011EX-00 FORYARD-FYS-3011EX-00 Datasheet
411Kb / 5P
   0.30 Inch (7.80mm) digit height Single Digit Display
FYS-3014AX-00 FORYARD-FYS-3014AX-00 Datasheet
403Kb / 5P
   0.30 Inch (7.80mm) digit height Single Digit Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com