Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYD-3021CX-04 Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYD-3021CX-04
Description  0.30 Inch (7.62mm) digit height Double Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYD-3021CX-04 Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYD-3021CX-04 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-3021CX-04 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-3021CX-04 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-3021CX-04 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-3021CX-04 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Model No.
Rev.
■ All Light On Segments Feature & Pin Position
■ Internal Circuit Diagrams
Page: 3/5
Http://www.foryard.com
Model No.:
:FYD-3021C/DX-XX
A
FYD-3021C/DX-XX


Similar Part No. - FYD-3021CX-04

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYD-3021CX-0 FORYARD-FYD-3021CX-0 Datasheet
330Kb / 4P
   LED DIGIT DISPLAY
More results

Similar Description - FYD-3021CX-04

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYD-3021EX-00 FORYARD-FYD-3021EX-00 Datasheet
335Kb / 5P
   0.30 Inch (7.62mm) digit height Double Digits Display
FYD-3021GX-00 FORYARD-FYD-3021GX-00 Datasheet
336Kb / 5P
   0.30 Inch (7.62mm) digit height Double Digits Display
FYD-3022AX-00 FORYARD-FYD-3022AX-00 Datasheet
342Kb / 5P
   0.30 Inch (7.62mm) digit height Double Digits Display
FYD-3021AX-00 FORYARD-FYD-3021AX-00 Datasheet
341Kb / 5P
   0.30 Inch (7.62mm) digit height Double Digits Display
FYD-3021IX-00 FORYARD-FYD-3021IX-00 Datasheet
336Kb / 5P
   0.3Inch (7.62mm) digit height Double Digits Display
FYT-3031AX-00 FORYARD-FYT-3031AX-00 Datasheet
452Kb / 5P
   0.30 Inch (8.00mm) digit height Three Digits Display
FYLD-5621AX-00 FORYARD-FYLD-5621AX-00 Datasheet
448Kb / 6P
   0.56 Inch (14.22mm) digit height, Double Digits SMD Display
FYS-3011AX-00 FORYARD-FYS-3011AX-00 Datasheet
408Kb / 5P
   0.30 Inch (7.80mm) digit height Single Digit Display
FYS-3011EX-00 FORYARD-FYS-3011EX-00 Datasheet
411Kb / 5P
   0.30 Inch (7.80mm) digit height Single Digit Display
FYS-3014AX-00 FORYARD-FYS-3014AX-00 Datasheet
403Kb / 5P
   0.30 Inch (7.80mm) digit height Single Digit Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com