Electronic Components Datasheet Search |
|
R5F35ME3KFE Datasheet(PDF) 3 Page - Renesas Technology Corp |
|
R5F35ME3KFE Datasheet(HTML) 3 Page - Renesas Technology Corp |
3 / 159 page R01DS0019EJ0110 Rev.1.10 Page 3 of 156 Sep 01, 2011 M16C/5M Group, M16C/57 Group 1. Overview Note: 1. Refer to Table 1.7 “M16C/5M Group Product List (J-Version)” to Table 1.10 “M16C/57 Group Product List (K-Version) for Operating Temperature, CAN Module, and E2dataFlash. Table 1.2 Specifications (100-pin Package) (2/2) Item Function Specification CRC Calculator • 1 circuit • CRC-CCITT (X16 + X12 + X5 + 1), CRC-16 (X16 + X15 + X2 + 1) compliant • MSB/LSB selectable Serial Bus Interface 1 channel • Clock synchronous serial communication mode • 4-wire bus communication mode • Programmable character length: 8 to 16 bits LIN Module 1 channel CAN Module 32-slot message buffer × 2 channels or 1 channel (M16C/5M Group) (1) Flash Memory • Programming and erasure supply voltage: 3.0 to 5.5 V • Programming and erasure endurance: 1,000 times (program ROM 1, program ROM 2)/10,000 times (data flash) • Program security: ROM code protect, ID code check E2dataFlash Programming and erasure endurance: 100,000 (1) Debug Functions On-board flash rewrite function, address match × 4 Operating Frequency/Power Supply Voltage 32 MHz / 3.0 to 5.5 V Current Consumption Described in 31. “Electrical Characteristics” Operating Temperature -40°C to 85°C -40°C to 125°C (1) Package 100-pin plastic mold LQFP: PLQP0100KB-A (Previous package code: 100P6Q-A) |
Similar Part No. - R5F35ME3KFE |
|
Similar Description - R5F35ME3KFE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |