Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYLT-5631AX-30 Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLT-5631AX-30
Description  0.56 Inch (14.22mm) digit height, Three Digits SMD Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLT-5631AX-30 Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLT-5631AX-30 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLT-5631AX-30 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLT-5631AX-30 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLT-5631AX-30 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLT-5631AX-30 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLT-5631AX-30 Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Model No.
Rev.
NINGBO FORYARD OPTOELECTRONICS CO.,LTD
Add:NO.115 Qixin Road Ningbo Zhejiang China
Zip:315051
Tel: 0086-574-87933652 87927870 87922206
Fax: 0086-574-87927917
E-mail:Sales@foryard.com
( General)
Http://www.foryard.com
Page
1/6
PREPARED BY
PRODUCT SPECIFICATION
Model No.
:FYLT-5631A/BX-XX
FYLT-5631A/BX-XX
A
Descriptions & Features:
■0.56 Inch (14.22mm) digit height, Three Digits SMD Display
CHECKED BY
APPROVED BY
CUSTOMER APPROVED
SIGNATURES
■RoHS compliant.
■Low current operation
Http://www.foryard.com
■Low power consumption.
■Easy mounting on P.C. board.


Similar Part No. - FYLT-5631AX-30

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-10013ED1A FORYARD-FYL-10013ED1A Datasheet
270Kb / 5P
   Red diffused led
FYL-10013GD1A FORYARD-FYL-10013GD1A Datasheet
271Kb / 5P
   Green diffused led
FYL-10013LRT1A FORYARD-FYL-10013LRT1A Datasheet
146Kb / 3P
   LED LAMP
FYL-10013LURC1A FORYARD-FYL-10013LURC1A Datasheet
271Kb / 5P
   Water clear led
FYL-10013LUYC1A FORYARD-FYL-10013LUYC1A Datasheet
273Kb / 5P
   Water clear led
More results

Similar Description - FYLT-5631AX-30

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLQ-5641AX-00 FORYARD-FYLQ-5641AX-00 Datasheet
469Kb / 6P
   0.56 Inch (14.22mm) digit height, Four Digits SMD Display
FYLD-5621AX-00 FORYARD-FYLD-5621AX-00 Datasheet
448Kb / 6P
   0.56 Inch (14.22mm) digit height, Double Digits SMD Display
FYT-5631GX-00 FORYARD-FYT-5631GX-00 Datasheet
465Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5633AX-00 FORYARD-FYT-5633AX-00 Datasheet
468Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5631AX-XX FORYARD-FYT-5631AX-XX Datasheet
541Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5631IX-00 FORYARD-FYT-5631IX-00 Datasheet
452Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5631AX-00 FORYARD-FYT-5631AX-00 Datasheet
463Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5631CX-00 FORYARD-FYT-5631CX-00 Datasheet
452Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5631KX-00 FORYARD-FYT-5631KX-00 Datasheet
462Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5631MX-00 FORYARD-FYT-5631MX-00 Datasheet
460Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com