Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYLD-5621AX-31 Datasheet(PDF) 6 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLD-5621AX-31
Description  0.56 Inch (14.22mm) digit height, Double Digits SMD Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLD-5621AX-31 Datasheet(HTML) 6 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLD-5621AX-31 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLD-5621AX-31 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLD-5621AX-31 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLD-5621AX-31 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLD-5621AX-31 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLD-5621AX-31 Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Model No.
Rev.
■ Reel Dimensions
■ Packing & Labe Specifications
Note: The specifications are subject to change without notice. Please contact us for updated information.
Page
6/6
Model No.
:FYLD-5621A/BX-XX
Http://www.foryard.com
FYLD-5621A/BX-XX
A
7 Boxes/Carton
FORYARD
O P T O E L E C T R O N I C S
www.foryard.com
39.0
38
.0
32
.0
OUTSIDE LABEL
FORYARD
O P T O E L E C T R O N I C S
LED
LED
LED
LED
PN:FYLD-5621XX-XX
Qty:3500 PCS
Date:xxxx/xx/xx
GW: xx
KG
NW: xx
KG
xxxxxxxxxx
RoHS
RoHS
RoHS
RoHS
ATTENTION
ATTENTION
ATTENTION
ATTENTION
QC: QC
PASS
OUTSIDE LABEL
Part NO: FYLD-5621XX-XX
Date:xxxx/xx/xx
Q'TY: 500 PCS
FORYARD
QC:
QC
PASS
xxxxxxxxxx
RoHS
RoHS
RoHS
RoHS
1 Reel/
Box
500PCS/Reel


Similar Part No. - FYLD-5621AX-31

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-10013ED1A FORYARD-FYL-10013ED1A Datasheet
270Kb / 5P
   Red diffused led
FYL-10013GD1A FORYARD-FYL-10013GD1A Datasheet
271Kb / 5P
   Green diffused led
FYL-10013LRT1A FORYARD-FYL-10013LRT1A Datasheet
146Kb / 3P
   LED LAMP
FYL-10013LURC1A FORYARD-FYL-10013LURC1A Datasheet
271Kb / 5P
   Water clear led
FYL-10013LUYC1A FORYARD-FYL-10013LUYC1A Datasheet
273Kb / 5P
   Water clear led
More results

Similar Description - FYLD-5621AX-31

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLT-5631AX-00 FORYARD-FYLT-5631AX-00 Datasheet
468Kb / 6P
   0.56 Inch (14.22mm) digit height, Three Digits SMD Display
FYLQ-5641AX-00 FORYARD-FYLQ-5641AX-00 Datasheet
469Kb / 6P
   0.56 Inch (14.22mm) digit height, Four Digits SMD Display
FYLS-5611AX-00 FORYARD-FYLS-5611AX-00 Datasheet
426Kb / 6P
   0.56 Inch (14.22mm) digit height, Single Digit SMD Display
logo
Lite-On Technology Corp...
LTC-561HR LITEON-LTC-561HR Datasheet
126Kb / 7P
   0.56 inch (14.22mm) DIGIT HEIGHT
LSHD-5601 LITEON-LSHD-5601 Datasheet
130Kb / 5P
   0.56 inch (14.22mm) DIGIT HEIGHT
LTD-5521AB LITEON-LTD-5521AB Datasheet
138Kb / 5P
   0.56 inch (14.22mm) DIGIT HEIGHT
LTD-5523AB LITEON-LTD-5523AB Datasheet
138Kb / 5P
   0.56 inch (14.22mm) DIGIT HEIGHT
LTS-6780P LITEON-LTS-6780P Datasheet
139Kb / 5P
   0.56 inch (14.22mm) DIGIT HEIGHT.
logo
Ningbo Foryard Optoelec...
FYT-5631GX-00 FORYARD-FYT-5631GX-00 Datasheet
465Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5633AX-00 FORYARD-FYT-5633AX-00 Datasheet
468Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com