Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYLS-5611BX-03 Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLS-5611BX-03
Description  0.56 Inch (14.22mm) digit height, Single Digit SMD Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLS-5611BX-03 Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLS-5611BX-03 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-5611BX-03 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-5611BX-03 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-5611BX-03 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-5611BX-03 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-5611BX-03 Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Model No.
Rev.
■All Light On Segments Feature & Pad Position
■ Internal Circuit Diagrams
Page
3/6
FYLS-5611A/BX-XX
A
Model No.
:FYLS-5611A/BX-XX
Http://www.foryard.com


Similar Part No. - FYLS-5611BX-03

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-5050PG3C FORYARD-FYLS-5050PG3C Datasheet
456Kb / 8P
   SMD led lamp
FYLS-5050RGB FORYARD-FYLS-5050RGB Datasheet
206Kb / 5P
   SMD
FYLS-5050RGBC FORYARD-FYLS-5050RGBC Datasheet
477Kb / 8P
   SMD led lamp
FYLS-5050UB3C FORYARD-FYLS-5050UB3C Datasheet
455Kb / 8P
   SMD led lamp
FYLS-5050UR3C FORYARD-FYLS-5050UR3C Datasheet
457Kb / 9P
   SMD led lamp
More results

Similar Description - FYLS-5611BX-03

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLT-5631AX-00 FORYARD-FYLT-5631AX-00 Datasheet
468Kb / 6P
   0.56 Inch (14.22mm) digit height, Three Digits SMD Display
FYLQ-5641AX-00 FORYARD-FYLQ-5641AX-00 Datasheet
469Kb / 6P
   0.56 Inch (14.22mm) digit height, Four Digits SMD Display
logo
Lite-On Technology Corp...
LTC-561HR LITEON-LTC-561HR Datasheet
126Kb / 7P
   0.56 inch (14.22mm) DIGIT HEIGHT
logo
Ningbo Foryard Optoelec...
FYLD-5621AX-00 FORYARD-FYLD-5621AX-00 Datasheet
448Kb / 6P
   0.56 Inch (14.22mm) digit height, Double Digits SMD Display
logo
Lite-On Technology Corp...
LSHD-5601 LITEON-LSHD-5601 Datasheet
130Kb / 5P
   0.56 inch (14.22mm) DIGIT HEIGHT
LTD-5521AB LITEON-LTD-5521AB Datasheet
138Kb / 5P
   0.56 inch (14.22mm) DIGIT HEIGHT
LTD-5523AB LITEON-LTD-5523AB Datasheet
138Kb / 5P
   0.56 inch (14.22mm) DIGIT HEIGHT
LTS-6780P LITEON-LTS-6780P Datasheet
139Kb / 5P
   0.56 inch (14.22mm) DIGIT HEIGHT.
logo
China Semiconductor Cor...
CSS-S56124A9 CHINASEMI-CSS-S56124A9 Datasheet
239Kb / 7P
   0.56 Inch Single Digit SMD Display
CSS-S56124V9 CHINASEMI-CSS-S56124V9 Datasheet
228Kb / 7P
   0.56 Inch Single Digit SMD Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com