Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYLQ-5641BX-43 Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLQ-5641BX-43
Description  0.56 Inch (14.22mm) digit height, Four Digits SMD Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLQ-5641BX-43 Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLQ-5641BX-43 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLQ-5641BX-43 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLQ-5641BX-43 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLQ-5641BX-43 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLQ-5641BX-43 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLQ-5641BX-43 Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Model No.
Rev.
Min
5
-40
-40
■ Electrical-Optical Characteristics
Color Code & Chip Characteristics:(Test Condition:IF=20mA)
Typ
H
Red
90nm
2.00
S
Hi Red
20nm
1.80
D
Super Red
20nm
1.90
E
Orange
35nm
1.90
A
Amber
35nm
1.90
Y
Yellow
35nm
1.90
G
Green
10nm
1.90
3.40
2.80
2.80
PG Pure Green
36nm
2.80
W
White
CCT:9500K
2.80
UHR Ultra Hi Red
20nm
1.90
UR Ultra Red
20nm
1.90
UE Ultra Orange
20nm
1.90
UA Ultra Amber
AlGaInP
20nm
1.90
2.50
UY Ultra Yellow
AlGaInP
20nm
1.90
2.50
UG Ultra Green
AlGaInP
30nm
1.90
2.50
PG Ultra Pure Green
InGaN
36nm
2.80
3.80
BG Ultra Bluish Green InGaN
36nm
2.80
3.80
30nm
2.80
30nm
2.80
UW Ultra White
CCT:9500K
2.80
Note:
1.Luminous Intensity is based on the Foryard standards.
2.Pay attention about static for InGaN
Page
4/6
Max
Emitting Color
Dice
Material
2.50
Value
Reverse Voltage
VR
IR=30
4.40
X=0.29,Y=0.30
3.80
UB
460nm
(Ta=25
℃)
FYLQ-5641A/BX-XX
A
Model No.
:FYLQ-5641A/BX-XX
■ Absolute maximum ratings
(Ta=25
℃)
3.80
570nm
470nm
590nm
520nm
505nm
GaAsP
2.50
AlGaAs/DH
650nm
2.50
Tstr
+85
Operating Temperature
Max
Unit
Test Condition
AlGaInP
625nm
2.50
2.50
2.50
AlGaInP
30~60~80
260~310
260~310
InGaN
40~100~150
50~140~190
InGaN
X=0.29,Y=0.30
3.80
180~200
0.7~1(mw)
60~120
20~30
InGaN
AlGaInP
640nm
30~60
430nm
6~12(mw)
60~100
3.80
460nm
520nm
InGaN
60nm
3.80
3.80
635nm
B
Blue
InGaN
Ultra brightness
Http://www.foryard.com
Segment-to-Segment Luminous Intensity ratio(Iv-M)
1.5:1
610nm
6~12(mw)
4~6(mw)
470nm
80~90~120
3.80
80~90~120
Ultra Blue
GaP
Forward Current
IF
Power Dissipation
Symbol
100
V
Pd
Parameter
mA
mW
30
14~18
570nm
590nm
15~20
14~20
610nm
1
Luminous
Intensity
(Iv)
Unit:mcd
26~38
13~18
625nm
2.50
2.50
Peak Wave
Length(λP)
Spectral
Line
halfwidth(∆
λ1/2)
Standard brightness
Forward
Voltage(VF) Unit:V
AlGaAs/SH
660nm
700nm
GaP
2.50
+85
13~18
mA
150
2.50
Storage Temperature
Topr
Pulse Current
Ipeak
Duty=0.1mS,1KHz
GaAsP
GaAsP


Similar Part No. - FYLQ-5641BX-43

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-10013ED1A FORYARD-FYL-10013ED1A Datasheet
270Kb / 5P
   Red diffused led
FYL-10013GD1A FORYARD-FYL-10013GD1A Datasheet
271Kb / 5P
   Green diffused led
FYL-10013LRT1A FORYARD-FYL-10013LRT1A Datasheet
146Kb / 3P
   LED LAMP
FYL-10013LURC1A FORYARD-FYL-10013LURC1A Datasheet
271Kb / 5P
   Water clear led
FYL-10013LUYC1A FORYARD-FYL-10013LUYC1A Datasheet
273Kb / 5P
   Water clear led
More results

Similar Description - FYLQ-5641BX-43

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLT-5631AX-00 FORYARD-FYLT-5631AX-00 Datasheet
468Kb / 6P
   0.56 Inch (14.22mm) digit height, Three Digits SMD Display
FYLD-5621AX-00 FORYARD-FYLD-5621AX-00 Datasheet
448Kb / 6P
   0.56 Inch (14.22mm) digit height, Double Digits SMD Display
FYQ-5644AX-00 FORYARD-FYQ-5644AX-00 Datasheet
380Kb / 5P
   0.56Inch (14.22mm) digit height Four Digits Display
FYLS-5611AX-00 FORYARD-FYLS-5611AX-00 Datasheet
426Kb / 6P
   0.56 Inch (14.22mm) digit height, Single Digit SMD Display
logo
SunLED Corporation
DMR14A4 SUNLED-DMR14A4 Datasheet
194Kb / 4P
   14.22mm (0.56?? FOUR DIGIT NUMERIC DISPLAY
DUR14A4-A SUNLED-DUR14A4-A Datasheet
194Kb / 4P
   14.22mm (0.56) FOUR DIGIT NUMERIC DISPLAY
DUY14C4-1A SUNLED-DUY14C4-1A Datasheet
195Kb / 4P
   14.22mm (0.56) FOUR DIGIT NUMERIC DISPLAY
DUR14C4-A SUNLED-DUR14C4-A Datasheet
195Kb / 4P
   14.22mm (0.56?? FOUR DIGIT NUMERIC DISPLAY
DUG14A4 SUNLED-DUG14A4 Datasheet
195Kb / 4P
   14.22mm (0.56) FOUR DIGIT NUMERIC DISPLAY
DUG14C4 SUNLED-DUG14C4 Datasheet
195Kb / 4P
   14.22mm (0.56?? FOUR DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com