Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFBC40L Datasheet(PDF) 8 Page - International Rectifier

Part # IRFBC40L
Description  Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBC40L Datasheet(HTML) 8 Page - International Rectifier

Back Button IRFBC40L Datasheet HTML 2Page - International Rectifier IRFBC40L Datasheet HTML 3Page - International Rectifier IRFBC40L Datasheet HTML 4Page - International Rectifier IRFBC40L Datasheet HTML 5Page - International Rectifier IRFBC40L Datasheet HTML 6Page - International Rectifier IRFBC40L Datasheet HTML 7Page - International Rectifier IRFBC40L Datasheet HTML 8Page - International Rectifier IRFBC40L Datasheet HTML 9Page - International Rectifier IRFBC40L Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IRFBC40S/L
D2Pak Package Outline
D2Pak
Part Marking Information
10.16 (.400)
RE F .
6.47 (.255)
6.18 (.243)
2.61 (.103)
2.32 (.091)
8.89 (.350)
RE F.
- B -
1.32 (.052)
1.22 (.048)
2.79 (.110)
2.29 (.090)
1.39 (.055)
1.14 (.045)
5.28 (.208)
4.78 (.188)
4.69 (.185)
4.20 (.165)
10.54 ( .415)
10.29 ( .405)
- A -
2
1
3
15.49 (.610)
14.73 (.580)
3X
0.93 (.037)
0.69 (.027)
5.08 ( .200)
3X
1.40 (.055)
1.14 (.045)
1.78 (.070)
1.27 (.050)
1.40 (.055)
MAX.
NO TE S:
1 DIM ENS IO NS AF T ER S OLDE R DIP .
2 DIM ENS IO NING & TO LERA NCING PE R ANS I Y 14.5M, 1982.
3 CO NT RO LLING DIME NSIO N : INCH.
4 HE AT SINK & LEAD DIMEN SION S DO NO T INCLUDE BURRS.
0.55 (.022)
0.46 (.018)
0.25 (.010)
M
B A M
MINIMUM RECO MM ENDED F OO TP RINT
11.43 (.450)
8.89 (.350)
17.78 (.700)
3.81 (.150)
2.08 (.082)
2X
LE AD ASS IG NM ENT S
1 - G AT E
2 - DRA IN
3 - S OU RC E
2.54 (.100)
2X
PART NU MBER
IN TER NATION AL
REC TIFIER
L OGO
DATE CODE
(YYW W )
YY = YEAR
WW = WEE K
AS SEMBLY
LOT
CODE
F53 0S
9B
1M
9246
A


Similar Part No. - IRFBC40L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFBC40L VISHAY-IRFBC40L Datasheet
984Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 23-Jun-08
logo
Inchange Semiconductor ...
IRFBC40L ISC-IRFBC40L Datasheet
366Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFBC40L VISHAY-IRFBC40L Datasheet
328Kb / 11P
   Power MOSFET
09-Jul-2021
logo
International Rectifier
IRFBC40LC IRF-IRFBC40LC Datasheet
176Kb / 8P
   HEXFET-R POWER MOSFET
logo
Vishay Siliconix
IRFBC40LC VISHAY-IRFBC40LC Datasheet
148Kb / 8P
   Power MOSFET
S-81567-Rev. A, 28-Jul-08
More results

Similar Description - IRFBC40L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBC40AS IRF-IRFBC40AS Datasheet
111Kb / 9P
   Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
IRFBC40PBF IRF-IRFBC40PBF Datasheet
3Mb / 7P
   HEXFET POWER MOSFET (VDSS=600V , RDS(on)=1.2Ohm , ID=6.2A)
IRFBC40A IRF-IRFBC40A Datasheet
97Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
IRFIBC40G IRF-IRFIBC40G Datasheet
170Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
IRFIBC40GLC IRF-IRFIBC40GLC Datasheet
229Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
IRFPC40 IRF-IRFPC40 Datasheet
168Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.8A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF9510 IRF-IRF9510 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRFR9110 IRF-IRFR9110 Datasheet
172Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-3.1A)
IRFD9110 IRF-IRFD9110 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-0.70A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com