Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC324X Datasheet(PDF) 9 Page - Texas Instruments

Part # ADC324X
Description  The ADC324x are a high-linearity
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC324X Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADC324X Datasheet HTML 5Page - Texas Instruments ADC324X Datasheet HTML 6Page - Texas Instruments ADC324X Datasheet HTML 7Page - Texas Instruments ADC324X Datasheet HTML 8Page - Texas Instruments ADC324X Datasheet HTML 9Page - Texas Instruments ADC324X Datasheet HTML 10Page - Texas Instruments ADC324X Datasheet HTML 11Page - Texas Instruments ADC324X Datasheet HTML 12Page - Texas Instruments ADC324X Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 81 page
background image
ADC3241, ADC3242, ADC3243, ADC3244
www.ti.com
SBAS671B – JULY 2014 – REVISED MARCH 2015
AC Performance: ADC3241 (continued)
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to TMAX
= 85°C, ADC sampling rate = 25 MSPS, 50% clock duty cycle, AVDD = DVDD = 1.8 V, and –1-dBFS differential input, unless
otherwise noted.
ADC3241 (fS = 25 MSPS)
DITHER ON
DITHER OFF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
fIN = 10 MHz
104
96
fIN = 20 MHz
84
100
95
fIN = 70 MHz
100
95
Second-order harmonic
HD2
dBc
distortion
fIN = 100 MHz
95
93
fIN = 170 MHz
87
87
fIN = 230 MHz
81
81
fIN = 10 MHz
95
88
fIN = 20 MHz
84
94
92
fIN = 70 MHz
92
86
HD3
Third-order harmonic distortion
dBc
fIN = 100 MHz
85
82
fIN = 170 MHz
87
83
fIN = 230 MHz
82
80
fIN = 10 MHz
100
92
fIN = 20 MHz
87
101
92
fIN = 70 MHz
100
92
Non
Spurious-free dynamic range
dBc
HD2, HD3
(excluding HD2, HD3)
fIN = 100 MHz
98
92
fIN = 170 MHz
100
92
fIN = 230 MHz
96
92
fIN = 10 MHz
94
85
fIN = 20 MHz
80.5
92
85
fIN = 70 MHz
91
84
THD
Total harmonic distortion
dBc
fIN = 100 MHz
86
82
fIN = 170 MHz
84
81
fIN = 230 MHz
78
76
fIN1 = 45 MHz,
–94
–93
fIN2 = 50 MHz
Two-tone, third-order
IMD3
dBFS
intermodulation distortion
fIN1 = 185 MHz,
–92
–90
fIN2 = 190 MHz
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC3241 ADC3242 ADC3243 ADC3244


Similar Part No. - ADC324X

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC324 MPSIND-ADC324 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Texas Instruments
ADC3241 TI1-ADC3241 Datasheet
3Mb / 82P
[Old version datasheet]   Analog-to-Digital Converters
ADC3241 TI1-ADC3241 Datasheet
2Mb / 70P
[Old version datasheet]   Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
ADC3241 TI1-ADC3241 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
ADC3241IRGZ25 TI1-ADC3241IRGZ25 Datasheet
3Mb / 82P
[Old version datasheet]   Analog-to-Digital Converters
More results

Similar Description - ADC324X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC34J2X TI1-ADC34J2X Datasheet
6Mb / 88P
[Old version datasheet]   The ADC34J2x are a high-linearity
logo
Richtek Technology Corp...
RT9074 RICHTEK-RT9074 Datasheet
188Kb / 16P
   The RT9074 family are high voltage
logo
MORNSUN Science& Techno...
TW147HL MORNSUN-TW147HL Datasheet
762Kb / 5P
   High linearity
logo
STMicroelectronics
STPTIC-39G2 STMICROELECTRONICS-STPTIC-39G2 Datasheet
481Kb / 11P
   High linearity
July 2015 Rev 1
logo
RFHIC
ACQ629 RFHIC-ACQ629 Datasheet
1Mb / 6P
   High linearity
logo
STMicroelectronics
STPTIC-15G2 STMICROELECTRONICS-STPTIC-15G2 Datasheet
473Kb / 11P
   High linearity
July 2015 Rev 2
STPTIC-27G2 STMICROELECTRONICS-STPTIC-27G2 Datasheet
472Kb / 11P
   High linearity
July 2015 Rev 1
logo
THOR communications
F-KBAND-T THOR-F-KBAND-T Datasheet
401Kb / 1P
   The F-KBAND series wide band laser transceivers are designed for enabling a high linearity optical link for RF over fiber in the S-BAND up to 25 GHz
F-SBAND-T THOR-F-SBAND-T Datasheet
425Kb / 1P
   The F-SBAND series wide band laser transceivers are designed for enabling a high linearity optical link for RF over fiber in the S-BAND up to 5 GHz
logo
ANADIGICS, Inc
AWS5534 ANADIGICS-AWS5534 Datasheet
204Kb / 12P
   High Linearity SP3T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com