Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2492 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2492
Description  -227 dBc/Hz Normalized PLL Noise
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2492 Datasheet(HTML) 5 Page - Texas Instruments

  LMX2492 Datasheet HTML 1Page - Texas Instruments LMX2492 Datasheet HTML 2Page - Texas Instruments LMX2492 Datasheet HTML 3Page - Texas Instruments LMX2492 Datasheet HTML 4Page - Texas Instruments LMX2492 Datasheet HTML 5Page - Texas Instruments LMX2492 Datasheet HTML 6Page - Texas Instruments LMX2492 Datasheet HTML 7Page - Texas Instruments LMX2492 Datasheet HTML 8Page - Texas Instruments LMX2492 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
LMX2492, LMX2492-Q1
www.ti.com
SNAS624A – MARCH 2014 – REVISED JUNE 2014
7.5 Electrical Characteristics
(3.15 V
≤ Vcc ≤ 3.45 V. Vcc ≤Vcp ≤5.25 V. Typical values are at Vcc = Vcp = 3.3 V, 25 °C.
-40°C
≤ TA ≤ 85 °C for the LMX2492 and -40°C ≤ TA ≤ 125 °C for the LMX2492-Q1 ; except as specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Fpd = 10 MHz
45
All Vcc Pins
Fpd = 100 MHz
50
Fpd = 200 MHz
55
Icc
Current Consumption
Kpd = 0.1 mA
2
mA
Vcp Pin
Kpd = 1.6 mA
10
Kpd = 3.1 mA
19
IccPD
Current
POWERDOWN
3
OSC_DIFFR=0, Doubler Disabled
10
600
OSC_DIFFR=0, Doubler Enabled
10
300
Frequency for OSCin
fOSCin
MHz
terminal
OSC_DIFFR=1, Doubler Disabled
10
1200
OSC_DIFFR=1, Doubler Enabled
10
600
vOSCin
Voltage for OSCin Pin(1)
0.5
Vcc-0.5
Vpp
fFin
Frequency for FinPin(2)
500
14000
MHz
pFin
Power for Fin Pin
Single-Ended Operation
-5
5
dBm
fPD
Phase Detector Frequency
200
MHz
PN1Hz
PLL Figure of Merit(3)
-227
dBc/Hz
Normalized PLL 1/f
Normalized to 10 kHz offset for a 1 GHz
PN10kHz
-120
dBc/Hz
Noise(3)
carrier.
Charge Pump Leakage Tri-
ICPoutTRI
10
nA
state Leakage
ICPoutMM
Charge Pump Mismatch(4)
VCPout = Vcp / 2
5 %
CPG=1X
0.1
ICPout
Charge Pump Current
VCPout = Vcp / 2 …
mA
CPG=31X
3.1
(1)
For optimal phase noise performance, higher input voltage and a slew rate of at least 3 V/ns is recommended
(2)
Tested to 13.5 GHz, Guaranteed to 14 GHz by characterization
(3)
PLL Noise Metrics are measured with a clean OSCin signal with a high slew rate using a wide loop bandwidth. The noise metrics model
the PLL noise for an infinite loop bandwidth as:
PLL_Total = 10×log( 10PLL_Flat/10 + 10PLL_Flicker(Offset)/10)
PLL_Flat = PN1Hz + 20×log(N) + 10×log(Fpd/1Hz)
PLL_Flicker = PN10kHz - 10×log(Offset/10kHz) + 20×log(Fvco/1GHz)
(4)
Charge pump mismatch varies as a function of charge pump voltage. Consult typical performance characteristics to see this variation.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMX2492 LMX2492-Q1


Similar Part No. - LMX2492

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2492 TI1-LMX2492 Datasheet
1Mb / 42P
[Old version datasheet]   Low Noise Fractional N PLL
LMX2492-Q1 TI1-LMX2492-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Low Noise Fractional N PLL
LMX2492-Q1RTW TI-LMX2492-Q1RTW Datasheet
1Mb / 42P
[Old version datasheet]   LMX2492/LMX2492-Q1 14 GHz Low Noise Fractional N PLL with Ramp/Chirp Generation
LMX2492-Q1 TI-LMX2492-Q1_15 Datasheet
1Mb / 42P
[Old version datasheet]   LMX2492/LMX2492-Q1 14 GHz Low Noise Fractional N PLL with Ramp/Chirp Generation
LMX2492QRTWRQ1 TI1-LMX2492QRTWRQ1 Datasheet
1Mb / 42P
[Old version datasheet]   Low Noise Fractional N PLL
More results

Similar Description - LMX2492

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2871 MAXIM-MAX2871 Datasheet
1Mb / 28P
   Low Normalized Inband Phase Noise of -230dBc/Hz
Rev 2; 5/16
logo
Analog Devices
HMC432 AD-HMC432 Datasheet
354Kb / 6P
   Ultra Low SSB Phase Noise: -148 dBc/Hz
logo
Crystek Corporation
CVPD-922 CRYSTEKCRYSTAL-CVPD-922_17 Datasheet
319Kb / 2P
   Ultra-Low Noise LVPECL VCXO with -162 dBc/Hz Noise Floor
logo
Advanced XTAL Products
AXIOM5151 AXTAL-AXIOM5151 Datasheet
134Kb / 4P
   OCXO with Ultra-Low Phase Noise Floor of -180 dBc/Hz
AXIOM5050ULN AXTAL-AXIOM5050ULN Datasheet
115Kb / 4P
   OCXO with Ultra-Low Phase Noise Floor of -180 dBc/Hz
logo
QUARTZCOM the communica...
OCO-M36BS QUARTZCOM-OCO-M36BS Datasheet
138Kb / 1P
   Through hole OCXO Sine wave Low phase noise ??floor of < -165 dBc/Hz
logo
Tyco Electronics
B-227 MACOM-B-227 Datasheet
80Kb / 1P
   B-227 3PDT, Center Off, 60 Amps, 115/200 VAC, 400 Hz
logo
Pasternack Enterprises,...
PE1V34000 PASTERNACK-PE1V34000 Datasheet
477Kb / 7P
   Voltage Controlled Oscillator (VCO) From 4 GHz to 8 GHz, Phase Noise of -95 dBc/Hz and SMA
PE1V34001 PASTERNACK-PE1V34001 Datasheet
474Kb / 7P
   Voltage Controlled Oscillator (VCO) From 5 GHz to 10 GHz, Phase Noise of -93 dBc/Hz and SMA
PE1V31005 PASTERNACK-PE1V31005 Datasheet
513Kb / 6P
   Voltage Controlled Oscillator (VCO) From 50 MHz to 100 MHz, Phase Noise of -115 dBc/Hz and SMA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com