Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL5010 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPL5010
Description  Supply Voltage from 1.8V to 5.5V
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5010 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPL5010 Datasheet HTML 3Page - Texas Instruments TPL5010 Datasheet HTML 4Page - Texas Instruments TPL5010 Datasheet HTML 5Page - Texas Instruments TPL5010 Datasheet HTML 6Page - Texas Instruments TPL5010 Datasheet HTML 7Page - Texas Instruments TPL5010 Datasheet HTML 8Page - Texas Instruments TPL5010 Datasheet HTML 9Page - Texas Instruments TPL5010 Datasheet HTML 10Page - Texas Instruments TPL5010 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Accuracy (%)
0
5%
10%
15%
20%
25%
30%
35%
40%
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
Time (s)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0.01
0.1
1
10
100
1000
POR
REXT READING
TIMER MODE
Supply Voltage (V)
1.5
1.9
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
-1
-0.5
0
0.5
1
1.5
2
TA= -40°C
TA= 25°C
TA= 70°C
TA= 105°C
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110
-1
-0.5
0
0.5
1
1.5
2
VDD= 1.8V
VDD= 2.5V
VDD= 3.3V
VDD= 5.5V
Supply Voltage (V)
1.5
1.9
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
20
30
40
50
60
70
80
TA= -40°C
TA= 25°C
TA= 70°C
TA= 105°C
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110
20
30
40
50
60
70
80
VDD= 1.8V
VDD= 2.5V
VDD= 3.3V
VDD= 5.5V
TPL5010
www.ti.com
SNAS651 – JANUARY 2015
7.7 Typical Characteristics
Figure 2. IDD vs. VDD
Figure 3. IDD vs. Temperature
Figure 4. Oscillator Accuracy vs. VDD
Figure 5. Oscillator Accuracy vs. Temperature
number of
1s < tIP ≤ 7200s
observations
>20000
Figure 7. Time Interval Setting Accuracy
Figure 6. IDD vs. Time
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPL5010


Similar Part No. - TPL5010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5010 TI1-TPL5010 Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5010 TI1-TPL5010 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5010DDCR TI1-TPL5010DDCR Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5010DDCT TI1-TPL5010DDCT Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
More results

Similar Description - TPL5010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5110 TI1-TPL5110 Datasheet
935Kb / 26P
[Old version datasheet]   Supply Voltage from 1.8V to 5.5V
logo
Maxim Integrated Produc...
MAX44265EVKIT MAXIM-MAX44265EVKIT Datasheet
849Kb / 7P
   1.8V to 5.5V Supply Voltage Range
19-5782; Rev 0; 3/11
MAX44264EVKIT MAXIM-MAX44264EVKIT Datasheet
844Kb / 7P
   1.8V to 5.5V Single-Supply Operation
19-5757; Rev 0; 2/11
MAX9017AEVKIT MAXIM-MAX9017AEVKIT Datasheet
602Kb / 7P
   1.8V to 5.5V Supply Voltage Range Across VDD and VSS
Rev 0; 11/17
MAX15050EVKIT MAXIM-MAX15050EVKIT Datasheet
676Kb / 6P
   Operates from 2.9V to 5.5V Input Supply
Rev 0; 5/10
MAX15038EVKIT MAXIM-MAX15038EVKIT Datasheet
234Kb / 8P
   Operates from 2.9V to 5.5V Input Supply
Rev 1; 5/10
logo
Rohm
BR25XX0-10XU-1.8 ROHM-BR25XX0-10XU-1.8 Datasheet
347Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
BR95XX0-RXX6TP ROHM-BR95XX0-RXX6TP Datasheet
320Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
BR24CXX-10XU-1.8 ROHM-BR24CXX-10XU-1.8 Datasheet
309Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
BR93CXX-10XU-1.8 ROHM-BR93CXX-10XU-1.8 Datasheet
283Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com