Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF37A75 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TRF37A75
Description  Gain Versions: 12 dB
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF37A75 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TRF37A75 Datasheet HTML 5Page - Texas Instruments TRF37A75 Datasheet HTML 6Page - Texas Instruments TRF37A75 Datasheet HTML 7Page - Texas Instruments TRF37A75 Datasheet HTML 8Page - Texas Instruments TRF37A75 Datasheet HTML 9Page - Texas Instruments TRF37A75 Datasheet HTML 10Page - Texas Instruments TRF37A75 Datasheet HTML 11Page - Texas Instruments TRF37A75 Datasheet HTML 12Page - Texas Instruments TRF37A75 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1
2
3
4
VCC
RFIN
8
7
6
5
RFOUT
C5
C2
C1
DC Blocking
Capacitor
DC Blocking
Capacitor
RF Choke
Inductor
DC Bias
Resistor
DC Bypass
Capacitor
RF Bypass
Capacitors
RF In
RF Out
VCC
C3
R2
C4
L1
PWDN
TRF37A75
www.ti.com
SLOS871 – MAY 2014
8 Applications and Implementation
8.1 Application Information
The TRF37A75 is a wideband, high performance, general purpose RF amplifier. To maximize its performance,
good RF layout and grounding techniques should be employed.
8.2 Typical Application
The TRF37A75 device is typically placed in a system as illustrated in Figure 13.
Figure 13. Typical Application Schematic for TRF37A75
8.2.1 Design Requirements
Table 1. Design Parameters
PARAMETERS
EXAMPLE VALUES
Input power range
< 3 dBm
Output power
< 18 dBm
Operating frequency range
40 — 6000 MHz
8.2.2 Detailed Design Procedure
The TRF37A75 is a simple to use internally matched and cascadable RF amplifier. Following the recommended
RF layout with good quality RF components and local DC bypass capacitors will ensure optimal performance is
achieved. TI provides various support materials including S-Parameter and ADS models to allow the design to be
optimized to the user's particular performance needs.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TRF37A75


Similar Part No. - TRF37A75

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37A73 TI-TRF37A73 Datasheet
937Kb / 20P
[Old version datasheet]   TRF37A73 1-6000 MHz RF Gain Block
TRF37A73 TI1-TRF37A73 Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37A73IDSGR TI1-TRF37A73IDSGR Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37A73IDSGT TI1-TRF37A73IDSGT Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37A73 TI-TRF37A73_15 Datasheet
937Kb / 20P
[Old version datasheet]   TRF37A73 1-6000 MHz RF Gain Block
More results

Similar Description - TRF37A75

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
   Low Noise Amplifier, 12 dB Gain
AM-153 MA-COM-AM-153_15 Datasheet
411Kb / 3P
   Low Noise Amplifier, 12 dB Gain
logo
NXP Semiconductors
BGA3012 PHILIPS-BGA3012 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3012 NXP-BGA3012 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
logo
Pasternack Enterprises,...
PE15A1028 PASTERNACK-PE15A1028 Datasheet
520Kb / 5P
   40 dB Gain, 0.7 dB NF, 12 dBm P1dB, 1.2 GHz
logo
NXP Semiconductors
BGA3012 PHILIPS-BGA3012_15 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
logo
Tyco Electronics
AM-AMC-142 MACOM-AM-AMC-142 Datasheet
221Kb / 3P
   Low Noise Amplifier, 12 dB Gain, 200 - 1000 MHz
AM-153 MACOM-AM-153 Datasheet
216Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
Tyco Electronics
AM-177 MACOM-AM-177 Datasheet
193Kb / 2P
   Cascadable Thin Film Amplifier, 12 dB Gain, 10 - 1000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com