Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494CN Datasheet(PDF) 7 Page - Tiger Electronic Co.,Ltd

Part # TL494CN
Description  TIGER ELECTRONIC CO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TL494CN Datasheet(HTML) 7 Page - Tiger Electronic Co.,Ltd

  TL494CN Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TL494CN Datasheet HTML 2Page - Tiger Electronic Co.,Ltd TL494CN Datasheet HTML 3Page - Tiger Electronic Co.,Ltd TL494CN Datasheet HTML 4Page - Tiger Electronic Co.,Ltd TL494CN Datasheet HTML 5Page - Tiger Electronic Co.,Ltd TL494CN Datasheet HTML 6Page - Tiger Electronic Co.,Ltd TL494CN Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
11.
脉宽调制降压式转换器
1
2
3
15
16
13
14
4
5
6
7
9 10
11
8
12
+
-
-
+
Comp
OC
Vref
C
T
R
D
T
T
Gnd E1 E2
C2
C1
Vcc
47K
150
5.1K
5.1K
1M
0.1uF
47K
0.1
150
Tip32A
47
50uF
50V
Vin=10~40V
1.0mH@2A
MR850
5.1K
500uF
10V
50uF
10V
Vo=5V
Io=1A
测试项目
测试条件
结果
线电源电压
Vin=8V~40V
3.0mV
0.01%
负载调整率
Vin=12.6V;Io=0.2mA~200mA
5.0mV
0.02%
输出纹波电压
Vin=12.6V;Io=200mA
40mVpp
P.A.R.D
短路电流
Vin=12.6V;RL=0.1
250mA
效率
Vin=12.6V;Io=200mA
721%
TL494CN/CDR
7/7


Similar Part No. - TL494CN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL494CN MOTOROLA-TL494CN Datasheet
197Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
Texas Instruments
TL494CN TI-TL494CN Datasheet
1Mb / 37P
[Old version datasheet]   Pulse-Width-Modulation Control Circuits
JULY 2022
logo
ON Semiconductor
TL494CN ONSEMI-TL494CN Datasheet
143Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
April, 2004 ??Rev. 5
logo
Texas Instruments
TL494CN TI-TL494CN Datasheet
210Kb / 8P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL494CN TI-TL494CN Datasheet
449Kb / 17P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL494CN

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TA31002 TGS-TA31002 Datasheet
158Kb / 4P
   TIGER ELECTRONIC CO
MC33035CP TGS-MC33035CP Datasheet
566Kb / 16P
   TIGER ELECTRONIC CO
ET62429 TGS-ET62429 Datasheet
173Kb / 5P
   TIGER ELECTRONIC
logo
Samtec, Inc
TFSD-05-28-H-10.00-T SAMTEC-TFSD-05-28-H-10.00-T Datasheet
224Kb / 1P
   TIGER EYE DISCRETE CABLE ASSEMBLY
MMS-105-02-T-SV SAMTEC-MMS-105-02-T-SV Datasheet
498Kb / 1P
   TIGER CLAW??SOCKET STRIP
SFM-105-01-S-D-LC SAMTEC-SFM-105-01-S-D-LC Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE TIGER EYE??SOCKET
SFM-105-02-S-D-A SAMTEC-SFM-105-02-S-D-A Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE TIGER EYE??SOCKET
SFSD-05-28-H-10.00-SR SAMTEC-SFSD-05-28-H-10.00-SR Datasheet
238Kb / 1P
   TIGER EYE??DISCRETE CABLE ASSEMBLY
TCSD-05-D-06.00-01-N SAMTEC-TCSD-05-D-06.00-01-N Datasheet
185Kb / 1P
   TIGER EYE??IDC SOCKET CABLE
SSM-116-F-DV SAMTEC-SSM-116-F-DV Datasheet
994Kb / 1P
   TIGER CLAW??SURFACE MOUNT SOCKET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com